Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A13FBD-R

  • AI
    The **M3A13FBD-R** is a specific surface-mount component, typically identified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, often associated with protection circuits in automotive or industrial electronics. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Component Overview The "M3" prefix often refers to the SMA (DO-214AC) package style in many manufacturer coding systems (like Littelfuse or Vishay). This part is designed to protect sensitive electronics from voltage spikes and ESD (Electrostatic Discharge). | Feature | Specification | | :--- | :--- | | **Component Type** | Zener Diode / TVS Diode | | **Package Type** | SMA (DO-214AC) | | **Mounting Type** | Surface Mount (SMD) | | **Polarity** | Unidirectional (Standard) | | **Typical Application** | Voltage Regulation / Surge Protection | --- ### 2. Key Electrical Characteristics While specific datasheets vary by manufacturer (e.g., MCC, Diodes Inc, or others), the "13" in the part number typically denotes the nominal voltage rating. * **Zener Voltage ($V_z$):** Nominally **13V**. This is the voltage at which the diode begins to conduct in reverse bias to regulate the circuit. * **Power Dissipation ($P_d$):** Usually rated for **3.0 Watts** (indicated by the "3" in some coding schemes) or **1.0 Watt** depending on the specific series. * **Tolerance:** The "A" suffix usually denotes a **5% tolerance** on the Zener voltage. * **Reverse Leakage Current ($I_r$):** Very low current flow when the voltage is below the breakdown threshold, ensuring power efficiency. --- ### 3. Pinout and Physical Construction The SMA package is a two-terminal device designed for automated assembly. 1. **Cathode (-):** Marked with a band on the body of the component. 2. **Anode (+):** The opposite side without the band. ```markdown [ Cathode ] ---| |--- [ Anode ] ^ ^ (Band Side) (Plain Side) ``` --- ### 4. Common Applications * **Automotive Electronics:** Protecting ECUs from "load dump" spikes. * **Power Supplies:** Acting as a voltage clamp to prevent overvoltage conditions downstream. * **I/O Protection:** Shielding microcontrollers from static electricity on input pins. * **Voltage Referencing:** Providing a stable 13V reference for analog circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak pulse power for the M3A13FBD-R?
    • ⤷ Can this component be used in AC circuits or is it DC only?
    • ⤷ What are the recommended soldering temperature profiles for the SMA package?