Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A13FCD-R

  • AI
    The **M3A13FCD-R** belongs to a specific category of high-performance quartz crystal oscillators, typically manufactured by companies like **NDK (Nihon Dempa Kogyo)**. These components are essential for providing a stable clock signal in high-speed networking and telecommunications equipment. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Typical Specification | |:---|:---| | **Component Type** | Crystal Oscillator (XO) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage** | 3.3V (indicated by the '3' in the prefix) | | **Frequency Stability** | ±50 ppm or ±100 ppm (standard for this series) | | **Package Size** | 7.0 x 5.0 mm (6-pad SMD) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Electronic Parts Internally, the M3A13FCD-R is not just a piece of quartz; it is an Integrated Circuit (IC) assembly consisting of three main stages: #### A. The Quartz Blank * **Material:** High-purity synthetic quartz. * **Function:** Acts as the mechanical resonator. It vibrates at a precise fundamental frequency when an electric field is applied (Piezoelectric effect). #### B. The Oscillator IC (Inverter/Amplifier) * **Function:** Sustains the oscillation. It contains the feedback loop and the load capacitors required to keep the quartz vibrating consistently. * **Feature:** Includes a **Tri-state (Enable/Disable)** function, allowing the output to be turned off to save power without powering down the entire system. #### C. The Output Buffer (LVPECL) * **Function:** Converts the internal oscillation into an **LVPECL** differential signal. * **Why LVPECL?** This standard is used because it offers very low jitter and high-speed switching capabilities, making it ideal for fiber optic modules (SFP/SFP+) and 10GbE (10 Gigabit Ethernet). --- ### 3. Pin Configuration (Typical 6-Pad SMD) For integration onto a PCB, the electronic interface is standardized: 1. **Pad 1:** Output Enable (OE) or No Connect (NC). 2. **Pad 2:** No Connect (NC). 3. **Pad 3:** Ground (GND). 4. **Pad 4:** Output (Differential +). 5. **Pad 5:** Complementary Output (Differential -). 6. **Pad 6:** Supply Voltage (Vcc). --- ### 4. Common Applications Due to its low phase noise and high-frequency stability, this component is found in: * **Networking:** Routers, Switches, and Gateways. * **Storage:** Fiber Channel host bus adapters. * **Telecom:** Base stations and optical transmission equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between LVPECL and LVDS output in oscillators?
    • ⤷ How do I calculate the termination resistors for this specific part?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?