Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A14FBA-R

  • AI
    Based on the product code provided, the **M3A14FBA-R** is a high-performance memory module, specifically a **DDR5 Registered DIMM (RDIMM)** manufactured by Micron. This component is designed for server-grade applications and workstations. --- ### ## Technical Specifications Below is a breakdown of the electronic characteristics of this specific module: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR5 SDRAM | | **Form Factor** | 288-pin RDIMM (Registered DIMM) | | **Capacity** | 16GB (standard for this series) | | **Data Rate** | 4800 MT/s | | **Voltage (VDD)** | 1.1V (Reduced power consumption compared to DDR4) | | **Error Correction** | ECC (Error Correction Code) | | **Rank** | 1Rx8 (Single Rank) | --- ### ### Key Electronic Components & Technologies #### 1. Power Management IC (PMIC) Unlike older DDR4 modules, the M3A14FBA-R features an **on-DIMM PMIC**. * **Function:** It manages the 1.1V power delivery directly on the stick rather than relying on the motherboard's VRM. * **Benefit:** This allows for better power efficiency, reduced noise, and improved signal integrity at high frequencies. #### 2. Registering Clock Driver (RCD) As an **RDIMM**, it includes an RCD chip. * **Function:** It buffers the command and address signals from the memory controller. * **Benefit:** This reduces the electrical load on the CPU's memory controller, allowing servers to support more sticks of RAM simultaneously without losing stability. #### 3. On-Die ECC (Error Correction Code) In addition to the standard bus ECC used in servers, the DDR5 chips on this module have **On-Die ECC**. * **Function:** It detects and corrects bit-flips within the memory chip itself before the data is even sent to the CPU. * **Benefit:** Enhances long-term reliability for 24/7 server operations. #### 4. SPD Hub (Serial Presence Detect) The module uses a new SPD hub that integrates thermal sensors. * **Function:** It communicates with the System Management Bus (SMBus/I2C) to provide the BIOS/OS with information about the module's speed, timings, and real-time temperature. --- ### ### Use Cases * **Enterprise Servers:** Optimized for high-bandwidth data centers. * **AI/Machine Learning:** Handles large datasets with high throughput. * **Cloud Computing:** Designed for virtualization where stability is critical.
    ✨ Follow-up Questions
    • ⤷What is the difference between DDR5 RDIMM and UDIMM?
    • ⤷ Can this memory module be used in a standard consumer gaming motherboard?
    • ⤷ How does the PMIC improve energy efficiency in data centers?