Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A15FCX-R

  • AI
    The **M3A15FCX-R** belongs to a specific category of high-performance components, typically identified as a **high-voltage diode or rectifier module** (often associated with brands like Fuji Electric or specialty high-power semiconductor manufacturers). These parts are crucial for power conversion and protection in industrial applications. --- ## 1. Technical Specifications The part number generally indicates its power handling capabilities and physical construction. | Parameter | Typical Specification | Description | |:---|:---|:---| | **Component Type** | Rectifier Diode / Power Module | Used for converting AC to DC. | | **Max Voltage ($V_{RRM}$)** | 1500V - 1700V | High dielectric strength for industrial grids. | | **Average Current ($I_F$)** | ~3A to 15A (Series dependent) | The continuous current the part can handle. | | **Recovery Time ($t_{rr}$)** | Fast / Ultra-fast Recovery | Minimizes switching losses in high-frequency circuits. | | **Mounting Type** | Through-hole or Module | Designed for heat sink attachment. | --- ## 2. Key Electronic Features ### High Reverse Voltage Tolerance The "15" in the part number often signifies a peak repetitive reverse voltage ($V_{RRM}$) of **1500V**. This makes the component suitable for 480V AC industrial lines where voltage spikes are common. ### Fast Recovery Characteristics Unlike standard bridge rectifiers, the "FCX" designation usually implies **Fast Recovery** or **Super-fast Recovery**. This allows the diode to switch "off" very quickly, preventing energy loss and heat buildup during high-frequency operation (e.g., in Inverters or SMPS). ### Thermal Management The "R" suffix often indicates **RoHS compliance** or a specific **Reverse polarity/mounting** configuration. These parts are designed to be bolted directly to an aluminum heat sink to dissipate the thermal energy generated during high-current rectification. --- ## 3. Common Applications 1. **Switch Mode Power Supplies (SMPS):** Used in the output stage to rectify high-frequency AC into stable DC. 2. **Motor Drives/Inverters:** Protects against "freewheeling" currents when a motor stops or changes direction. 3. **Induction Heating:** Handles the rapid switching required for electromagnetic resonance. 4. **X-Ray or Laser Power Supplies:** Used in high-voltage multipliers where voltage stability is critical. --- ## 4. Equivalent Circuit Representation In a schematic, this part is represented as a single high-power diode: ```mermaid graph LR A[Anode] ---|>|--- K[Cathode] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Peak Repetitive Reverse Voltage for the M3A15FCX-R?
    • ⤷ Are there recommended heat sink mounting torques for this specific module?
    • ⤷ What is the typical forward voltage drop (Vf) for this component?