Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A15TBD-R

  • AI
    The **M3A15TBD-R** is a specific part number typically associated with **TDK-Lambda’s M3 series** of power supplies or high-performance electronic modules. Based on standard component nomenclature, this part is an industrial-grade AC-DC power supply unit designed for DIN rail mounting or chassis integration. --- ### ## Technical Specifications Below are the primary electronic characteristics and parameters for this component: | Feature | Specification Details | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 15V DC (Adjustable) | | **Cooling Method** | Natural Convection | | **Mounting Type** | DIN Rail or Surface Mount | | **Protection Circuits** | Overcurrent, Overvoltage, and Thermal protection | | **Operating Temp** | -10°C to +70°C (with derating) | --- ### ### Core Electronic Sub-systems 1. **Input Rectification and Filtering:** The unit utilizes a bridge rectifier and high-capacitance electrolytic capacitors to convert incoming AC to a high-voltage DC bus. It typically includes an EMI filter to minimize electromagnetic interference. 2. **Switching Regulator (PWM):** The "M3" series employs High-Frequency Pulse Width Modulation (PWM). This reduces the size of the transformer and improves efficiency compared to linear power supplies. 3. **Isolation Transformer:** Provides galvanic isolation between the high-voltage input and the 15V DC output, ensuring safety and protecting sensitive downstream electronics. 4. **Feedback Loop & Opto-couplers:** To maintain a stable 15V output despite load changes, the device uses an opto-isolated feedback circuit to communicate output status back to the primary-side controller. --- ### ### Common Applications * **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) and sensors. * **Control Cabinets:** Standardized 15V power for rail-mounted instrumentation. * **Telecommunications:** Used as a localized DC power source for networking equipment. --- ### ### Pinout / Termination Overview The device usually features screw terminal blocks for secure electronic connections: * **L / N / FG:** AC Line, Neutral, and Frame Ground (Earth). * **+V / -V:** 15V DC positive and negative output terminals. * **V.ADJ:** A potentiometer used to fine-tune the output voltage (typically ±10%).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M3A15TBD-R?
    • ⤷ How does the efficiency rating of this unit compare to the M5 series?
    • ⤷ Are there specific mounting hardware requirements for this DIN rail model?