Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A15TCD-R

  • AI
    The **M3A15TCD-R** belongs to a specific category of precision electronic components, typically associated with **Temperature Compensated Crystal Oscillators (TCXO)** or high-stability timing modules used in telecommunications and industrial applications. Below is a breakdown of the electronic characteristics and technical specifications typical for this part number. --- ### 1. Component Overview The M3A series generally refers to surface-mount (SMD) oscillators designed for high stability across varying temperature ranges. The suffix "-R" usually indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards and that the part is supplied on a **Tape & Reel**. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Type** | SMD (Surface Mount Device) | | **Standard Dimensions** | Typically 5.0 x 3.2 mm or 3.2 x 2.5 mm | | **Output Type** | CMOS or Clipped Sine Wave | | **Supply Voltage** | Commonly 1.8V, 2.5V, or 3.3V | | **Frequency Stability** | ±0.5ppm to ±2.5ppm (depending on temp range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 3. Key Electronic Characteristics #### A. Frequency Control * **Compensation:** Unlike standard oscillators, the "TC" (Temperature Compensation) element uses a compensation network to counteract the frequency drift of the quartz crystal caused by temperature changes. * **Precision:** This part is chosen for circuits where timing must remain accurate regardless of environmental heat, such as in GPS modules or wireless transceivers. #### B. Electrical Interface * **Low Phase Noise:** Designed to minimize "jitter" or signal interference, ensuring clean data transmission. * **Enable/Disable Function:** Often includes a "Tri-state" function on Pin 1, allowing the oscillator to be turned off to save power in mobile applications. #### C. Typical Pin Configuration Most parts in this series follow a standard 4-pin or 6-pin layout: 1. **Pin 1:** NC (No Connection) or Vcon (Voltage Control) / Enable-Disable. 2. **Pin 2:** Ground (GND). 3. **Pin 3:** Output (Frequency Signal). 4. **Pin 4:** Supply Voltage (Vcc). --- ### 4. Applications The M3A15TCD-R is frequently found in the following electronic systems: * **Smart Grid Meters:** For precise time-stamping of energy usage. * **IoT Gateways:** Ensuring stable synchronization between sensors and the cloud. * **Mobile Communication:** Providing the reference clock for RF (Radio Frequency) stages. * **GNSS/GPS:** Required for fast "Time to First Fix" (TTFF) by maintaining a stable local frequency. --- ### 5. Part Number Deciphering (Typical) While manufacturers vary, the string usually breaks down as follows: * **M3A:** Series identifier (Package/Type). * **15:** Specific frequency or stability code. * **TC:** Temperature Compensated. * **D:** Operating voltage or specific temperature range code. * **R:** Tape & Reel packaging / RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency for the M3A15TCD-R?
    • ⤷ How does a TCXO differ from a VCXO in a circuit design?
    • ⤷ What are the soldering reflow requirements for this SMD package?