Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A16FCA-R

  • AI
    The **M3A16FCA-R** is a specific part number typically associated with **DDR4 SDRAM modules**, often manufactured by companies like Micron. These modules are designed for high-performance computing, servers, or high-end workstations. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The M3A16FCA-R represents a memory module (DIMM/SO-DIMM). Its performance is defined by the following parameters: | Parameter | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | RDIMM (Registered DIMM) or Specialized Module | | **Capacity** | Typically 16GB (as indicated by the "16" in the string) | | **Speed** | 2133 MT/s to 3200 MT/s (Depending on suffix) | | **Voltage** | 1.2V (Standard DDR4 Low Voltage) | | **Data Integrity** | ECC (Error Correction Code) Support | --- ### 2. Main Electronic Components The module is comprised of several critical integrated circuits (ICs) and passive components: #### A. DRAM Chips (The Storage Cells) * **Function:** These are the black rectangular chips on the PCB. They store the actual data bits. * **Technology:** Uses high-density CMOS technology to store charges in capacitors. #### B. Registering Clock Driver (RCD) * **Function:** Since this is an "R" (Registered) module, it contains a buffer chip. * **Purpose:** It redistributes control signals and clock signals to the DRAM chips, reducing the electrical load on the memory controller (CPU). This allows for higher system stability and larger memory capacities. #### C. Serial Presence Detect (SPD) EEPROM * **Function:** A small 8-pin chip. * **Purpose:** It stores the module's timing, speed, and voltage requirements. When the computer boots, the BIOS reads this chip to configure the memory controller correctly. #### D. Power Management & Passives * **Decoupling Capacitors:** Small ceramic capacitors located near each DRAM chip to filter electrical noise and stabilize the 1.2V power rail. * **Termination Resistors:** Used to prevent signal reflections (ringing) on the data lines, ensuring signal integrity at high frequencies. --- ### 3. Functional Features * **ECC (Error Correction Code):** The module includes extra data bits to detect and fix single-bit errors. This is essential for preventing system crashes in professional environments. * **Thermal Sensors:** Most modern DDR4 RDIMMs include an integrated thermal sensor to monitor the temperature of the module and trigger "throttling" if it overheats.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this Registered (RDIMM) module and an Unbuffered (UDIMM) module?
    • ⤷ How does the ECC function physically work on the PCB?
    • ⤷ What are the specific pin configurations for DDR4 modules like this?