Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A18FCA-R

  • AI
    The **M3A18FCA-R** belongs to the Renesas M16C/28 series of 16-bit microcontrollers. This specific part is designed for embedded applications requiring low power consumption and high reliability, often found in automotive and industrial control systems. --- ### 1. Technical Specifications Below are the primary hardware characteristics of the M3A18FCA-R: | Feature | Specification | | :--- | :--- | | **CPU Core** | M16C/60 Core (16-bit) | | **Flash Memory** | 128 KB | | **RAM** | 4 KB to 8 KB (Depending on specific revision) | | **Operating Voltage** | 3.0V to 5.5V | | **Max Frequency** | 20 MHz | | **Package Type** | LQFP-80 (Low Profile Quad Flat Package) | | **I/O Ports** | Up to 71 programmable I/O pins | --- ### 2. Key Electronic Components & Subsystems The internal architecture of the M3A18FCA-R consists of several critical modules: * **Memory Architecture:** * **Flash ROM:** Used for storing the application program code. * **Data Flash:** Dedicated area for non-volatile data storage (parameters, logs). * **RAM:** High-speed volatile memory for stack and variable processing. * **Peripheral Functions:** * **Timers:** Includes 16-bit timers (Timer A and Timer B) for PWM generation and pulse measurement. * **A/D Converter:** 10-bit resolution with multiple channels for processing analog sensor data. * **Serial Communication:** Supports UART, I2C, and SPI protocols for interfacing with other chips. * **Safety & Reliability:** * **Watchdog Timer (WDT):** Prevents system hang-ups by resetting the MCU if the software stops responding. * **Voltage Detector:** Monitors the power supply to ensure the chip operates within safe limits. --- ### 3. Pinout and Connectivity As an 80-pin LQFP device, the electronic layout focuses on versatility: * **VCC/VSS:** Power supply and ground pins. * **RESET:** Hardware reset input. * **XIN/XOUT:** Connections for the external ceramic resonator or crystal oscillator. * **Analog Inputs:** Multiplexed with GPIO for sensor integration. --- ### 4. Typical Applications Due to its robust 16-bit architecture, this part is commonly used in: 1. **Automotive Body Control:** Window lifters, lighting, and mirror controls. 2. **Industrial Automation:** Small motor controllers and sensor hubs. 3. **Consumer Electronics:** Home appliance control boards (washing machines, AC units).
    ✨ Follow-up Questions
    • ⤷ What are the programming tools required for the M16C/28 series?
    • ⤷ How does the power consumption of the M3A18FCA-R compare to modern 32-bit MCUs?
    • ⤷ Is this specific part number currently in active production or EOL (End of Life)?