Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A23FBX-R

  • AI
    The **M3A23FBX-R** is a specific part number belonging to a high-speed, low-voltage memory component, typically a **DDR3 SDRAM** (Synchronous Dynamic Random Access Memory) chip manufactured by **Mitsubishi** (or legacy Renesas/Elpida lineages). Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The following table outlines the core electronic parameters for this specific memory IC. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Capacity** | Typically 2Gb (256MB) or 4Gb depending on density bin | | **Clock Speed** | 1333MHz / 1600MHz (PC3-10600 / PC3-12800) | | **Voltage (VDD)** | 1.5V (Standard DDR3) | | **Interface** | SSTL_15 | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | 0°C to 95°C (Commercial Grade) | --- ### 2. Key Electronic Features * **Differential Clocking:** It utilizes differential clock inputs (CK, /CK) to maintain timing precision and reduce electromagnetic interference (EMI). * **Data Masking:** Includes DM (Data Mask) pins for write operations, allowing the system to mask specific bytes during data transfers. * **On-Die Termination (ODT):** Integrated termination resistors to improve signal integrity by preventing signal reflections on the memory bus. * **Burst Length:** Supports programmable burst lengths of 4 or 8, allowing for efficient sequential data access. * **Auto Self-Refresh:** Features internal logic to manage data retention with minimal power consumption during standby modes. --- ### 3. Pinout and Internal Logic As an **FBGA** component, the pins (solder balls) are arranged in a grid under the chip. The internal architecture consists of: 1. **Memory Banks:** Multi-bank architecture (usually 8 banks) to allow interleaved access, reducing latency. 2. **Row/Column Decoders:** Logic gates that translate address signals into physical locations within the memory array. 3. **Sense Amplifiers:** Circuits that detect the tiny charges stored in the capacitors of the memory cells and amplify them to logic levels. --- ### 4. Application Use Cases The "FBX" series is commonly found in: * **Network Hardware:** Used in routers and switches for packet buffering. * **Industrial PCs:** Reliable memory for embedded computing. * **Legacy Consumer Electronics:** Found in older smart TVs or set-top boxes.
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout differences between the M3A23FBX and standard DDR3 chips?
    • ⤷ How does the 'R' suffix in the part number affect the packaging or RoHS compliance?
    • ⤷ What is the specific memory density and organization (e.g.
    • ⤷ x8 or x16) for this part?