Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A23FCA-R

  • AI
    The **M3A23FCA-R** is a specific electronic component, typically identified as a high-performance **Microcontroller (MCU)** or a specialized **ASIC** often found in industrial automation, automotive systems, or high-end consumer electronics. Below is a breakdown of its technical profile and general electronic characteristics based on its classification. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Microcontroller | | **Architecture** | Typically based on a 16-bit or 32-bit RISC core | | **Package Type** | LQFP (Low-profile Quad Flat Package) or QFP | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Lead Finish** | Lead-free / RoHS Compliant | --- ### 2. Key Electronic Attributes #### A. Power Requirements * **Voltage Range:** Usually operates within a standard range (e.g., 3.3V to 5.0V), making it compatible with standard logic levels. * **Low Power Consumption:** Designed with power-saving modes (Sleep/Deep Sleep) for energy-efficient applications. #### B. Memory Configuration * **Flash Memory:** Internal non-volatile memory for firmware storage. * **SRAM:** High-speed volatile memory for data processing and stack management. * **EEPROM:** Some variants include a small portion of data EEPROM for storing calibration constants. #### C. Peripheral Interfaces The "FCA" designation often implies a specific set of onboard peripherals: * **Communication:** UART, SPI, and I2C interfaces for connecting to sensors or other ICs. * **Analog-to-Digital (ADC):** High-resolution (10-bit or 12-bit) channels for reading analog signals. * **Timers/PWM:** Advanced pulse-width modulation modules for motor control or signal generation. --- ### 3. Part Number Decoding (General Pattern) While nomenclature varies by manufacturer (often Renesas or similar Japanese semiconductor firms), the suffix usually denotes: * **M3:** Series or Family identifier. * **A23:** Specific sub-family or core configuration. * **FCA:** Package code and memory density indicator. * **-R:** Indicates "Tape & Reel" packaging for automated pick-and-place assembly. --- ### 4. Typical Applications 1. **Industrial Controllers:** PLC modules or sensor hubs. 2. **Automotive Systems:** Body control modules or dashboard instrumentation. 3. **Consumer Appliances:** Smart control boards for white goods (washers, dryers). ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the M3A23FCA-R package?
    • ⤷ Which manufacturer produces the M3A23FCA-R?
    • ⤷ What are the specific clock speed limitations for this IC?