Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A24TCD-R

  • AI
    The **M3A24TCD-R** is a high-performance, automotive-grade microcontroller part of the **RH850/F1KM-S1** series manufactured by **Renesas Electronics**. It is specifically designed for automotive Body Control Modules (BCM), gateway applications, and functional safety requirements. --- ### 1. Technical Specifications The following table outlines the core electronic characteristics of the M3A24TCD-R: | Feature | Specification | | :--- | :--- | | **Core** | RH850 G3KH (32-bit RISC) | | **Max Clock Frequency** | 120 MHz | | **Program Flash Memory** | 1.0 MB | | **Data Flash Memory** | 32 KB | | **RAM** | 128 KB | | **Operating Voltage** | 3.0V to 5.5V | | **Operating Temperature** | -40°C to +125°C (AEC-Q100 Qualified) | | **Package** | 100-pin LFQFP | --- ### 2. Key Electronic Components & Subsystems The M3A24TCD-R integrates several specialized blocks that define its functionality: #### A. Communication Interfaces As an automotive controller, it is equipped with extensive networking capabilities: * **CAN-FD (Flexible Data-rate):** Supports high-speed in-vehicle communication. * **LIN (Local Interconnect Network):** For simpler peripheral control (windows, mirrors). * **SPI/I2C:** For inter-chip communication with sensors or external EEPROM. #### B. Analog-to-Digital Conversion (ADC) * Equipped with a **12-bit ADC** module. * Features multiple input channels to monitor battery voltage, temperature sensors, and analog sensor signals from the vehicle. #### C. Functional Safety (ISO 26262) One of the most critical aspects of this part is its support for **ASIL-B** (Automotive Safety Integrity Level). It includes: * **ECC (Error Correction Code):** Monitors and fixes single-bit errors in Flash and RAM. * **MPU (Memory Protection Unit):** Prevents unauthorized code from accessing protected memory regions. * **Watchdog Timers:** Hardware-based timers to reset the system if the software hangs. #### D. Power Management * Features an internal **LDO (Low Dropout Regulator)** to manage the internal core voltage from the external 5V supply. * Includes low-power modes (Deep Stop/Cyclic Run) to minimize battery drain when the vehicle is parked. --- ### 3. Application Use Cases The M3A24TCD-R is typically used in the following electronic modules: 1. **Body Control Modules (BCM):** Managing lighting, wipers, and central locking. 2. **HVAC Controllers:** Managing climate control sensors and fan motors. 3. **Automotive Gateways:** Translating data between different vehicle networks (CAN to LIN). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the M3A24TCD-R and other RH850 series variants?
    • ⤷ Can you provide the pinout diagram details for the 100-pin LFQFP package?
    • ⤷ What development tools or IDEs are recommended for programming this Renesas microcontroller?