Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A26FAD-R

  • AI
    The **M3A26FAD-R** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, often manufactured by companies like ROHM Semiconductor or similar discrete component specialists. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed for voltage regulation or protection against voltage spikes in compact electronic circuits. | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Zener Diode / Voltage Regulator | | **Package Type** | SOD-128 (or similar PMDTM package) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Zener Voltage ($V_z$)** | Approximately 24V - 28V (depending on specific series suffix) | | **Power Dissipation ($P_d$)** | 3.0 Watts (High power for its size) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Features * **High Power Density:** Despite its small footprint, it can handle up to 3W of power dissipation, making it ideal for space-constrained power supplies. * **Silicon Epitaxial Planar Structure:** Ensures high reliability and stable electrical characteristics over time. * **Automotive Grade:** Often available in AEC-Q101 qualified versions for use in harsh automotive environments. --- ### 3. Pinout and Internal Logic The device is a two-terminal discrete component. ```mermaid graph LR A[Anode] ---|>|--- B[Cathode/Marked Band] ``` * **Anode:** The positive terminal in forward bias. * **Cathode:** Identified by a printed band on the body. In Zener mode (regulation), the current flows from Cathode to Anode. --- ### 4. Typical Applications The M3A26FAD-R is commonly used in the following scenarios: 1. **Voltage Regulation:** Maintaining a fixed voltage level in power supply rails. 2. **Surge Protection:** Protecting sensitive ICs from "load dump" scenarios in automotive electronics. 3. **Waveform Clipping:** Shaping signals by limiting the maximum voltage amplitude. --- ### 5. Schematic Symbol In professional PCB design software (like Altium or Eagle), the part is represented as: ```text Cathode (K) | / \ /---\ <-- Zener Bar / \ | Anode (A) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact Zener voltage tolerance for the 'R' suffix in this part?
    • ⤷ Can this diode be used for bidirectional ESD protection?
    • ⤷ What are the recommended PCB land pattern dimensions for the SOD-128 package?