Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A26TAD-R

  • AI
    The **M3A26TAD-R** is a specific high-performance memory module, typically identified as a **DDR4 SDRAM** module manufactured by **Micron Technology**. It is designed for enterprise and server applications. Below is the breakdown of its electronic components and specifications. --- ### ## 1. Technical Specifications The part number follows the standard JEDEC and manufacturer naming conventions for RDIMMs (Registered Dual In-line Memory Modules). | Component Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Capacity** | 16GB / 32GB (Variable by specific sub-batch) | | **Speed** | 2666 MT/s (PC4-21300) | | **Voltage** | 1.2V (Low Power) | | **Rank** | 2Rx8 (Dual Rank) | | **Error Correction** | ECC (Error Correction Code) | | **Form Factor** | 288-pin RDIMM | --- ### ## 2. Core Electronic Components The PCB (Printed Circuit Board) of the M3A26TAD-R houses several critical electronic parts that manage data integrity and power: #### ### A. DRAM Integrated Circuits (ICs) * **Function:** These are the actual storage cells. * **Technology:** Usually built using 8Gb or 16Gb dies. * **Layout:** In a 2Rx8 configuration, these chips are populated on both sides of the PCB to achieve high density. #### ### B. Registering Clock Driver (RCD) * **Function:** This is the "R" in RDIMM. The RCD acts as a buffer between the memory controller (CPU) and the DRAM chips. * **Benefit:** It reduces the electrical load on the CPU's memory controller, allowing the system to support more memory modules simultaneously without losing signal integrity. #### ### C. SPD (Serial Presence Detect) EEPROM * **Function:** A small 8-pin chip that stores the module's timing parameters, manufacturer data, and serial number. * **Communication:** The BIOS/UEFI reads this chip via the I2C or SMBus protocol during boot-up to configure the memory settings automatically. #### ### D. Power Management & Passives * **Decoupling Capacitors:** Small surface-mount (SMD) capacitors located near each DRAM chip to filter electrical noise and stabilize the 1.2V power supply. * **Termination Resistors:** Used to prevent signal reflections on the data lines, ensuring clean data transmission at high frequencies. --- ### ## 3. Key Electronic Features 1. **ECC (Error Correction Code):** The module includes an extra 8 bits of data for every 64 bits to detect and correct single-bit memory errors, which is vital for preventing server crashes. 2. **Thermal Sensor:** Integrated into the SPD or RCD to monitor the module temperature, allowing the system to throttle performance if it overheats. 3. **Gold-Plated Contacts:** The 288 pins are gold-plated to ensure high conductivity and prevent corrosion over long periods of operation in server racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this RDIMM and a standard UDIMM?
    • ⤷ Can this memory module be used in a standard consumer desktop motherboard?
    • ⤷ How does the 2666 MT/s speed compare to newer DDR5 modules?