Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A26TCD-R

  • AI
    The **M3A26TCD-R** is a specialized electronic component, typically classified as a high-performance **Crystal Oscillator**. Specifically, it is often manufactured by **NDK (Nihon Dempa Kogyo)** and belongs to their lineup of temperature-compensated or high-stability timing devices. --- ## Technical Overview The M3A26TCD-R is designed for precision timing in communication equipment and automotive electronics. Below is a breakdown of its core electronic characteristics. ### 1. Key Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO - Temperature Compensated) | | **Output Frequency** | Commonly 26.000 MHz (indicated by "26" in the part number) | | **Package Type** | SMD (Surface Mount Device) | | **Standard Size** | 2.5 x 2.0 mm or 2.0 x 1.6 mm (Model specific) | | **Voltage Supply** | Typically 1.8V to 3.3V | | **Operating Temp** | -40°C to +85°C (Standard industrial grade) | ### 2. Internal Components * **Quartz Crystal Plate:** The heart of the part, providing the mechanical resonance. * **Compensation Circuitry:** An integrated circuit (IC) that adjusts the frequency based on ambient temperature to prevent "drift." * **Varactor Diode:** Used within the compensation loop to tune the frequency electrically. * **Output Buffer:** Ensures the signal is strong enough to drive the next stage of the PCB without distortion. --- ## Part Number Breakdown (Nomenclature) While exact coding varies by manufacturer, the M3A26TCD-R generally follows this logic: * **M3A:** Series identifier (often relating to the IC architecture or package type). * **26:** The fundamental frequency (26 MHz). * **TCD:** Temperature Compensation/Differential characteristics. * **R:** Packaging suffix (usually denoting "Tape and Reel" for automated assembly). --- ## Typical Applications These parts are used where timing accuracy is critical and space is limited: 1. **GNSS/GPS Modules:** Used to maintain a lock on satellite signals. 2. **Smartphones:** Providing the clock for RF (Radio Frequency) transceivers. 3. **Automotive Telematics:** Ensuring stable communication in fluctuating vehicle temperatures. 4. **IoT Devices:** Low-power, high-stability wireless connectivity. --- ## Troubleshooting & Handling * **Soldering:** Being a crystal device, it is sensitive to excessive heat. Strict adherence to the reflow profile is required. * **Cleaning:** Avoid ultrasonic cleaning if possible, as the high-frequency vibrations can fracture the internal quartz crystal. * **Orientation:** As an SMD part, Pin 1 (usually marked with a dot or chamfer) must be aligned correctly to the Vcc/Output pads.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency tolerance (ppm) for the M3A26TCD-R series?
    • ⤷ Can this component be replaced with a standard 26MHz crystal without compensation?
    • ⤷ What are the specific pinout assignments for this SMD package?