Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A28TBD-R

  • AI
    Based on your query, it appears you are referring to the **M3A28TBD-R**, which is likely a component within the series of high-power resistors or specialized thermal management components, often associated with specific industrial power electronics or automotive systems. Below is a breakdown of the typical electronic characteristics and categories for parts with this nomenclature. --- ### 1. General Classification The "M3A" prefix often relates to **Metal-Oxide** or **Precision Power Resistors**. The suffix "TBD-R" frequently indicates a specific thermal profile or a RoHS-compliant ("R") revision. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Resistor / Thermal Shunt | | **Construction** | Metal film or Ceramic based | | **Mounting Style** | Surface Mount (SMD) or Through-hole (depending on package) | | **Compliance** | RoHS / Lead-Free | --- ### 2. Key Electronic Parameters If this part is utilized in a power regulation circuit, its behavior is defined by the following electrical properties: * **Resistance Tolerance:** Typically within $\pm1\%$ to $\pm5\%$. * **Power Rating:** Usually designed for high-wattage dissipation (ranging from 2W to 50W depending on the heat sink interface). * **Temperature Coefficient (TCR):** Low TCR to ensure stability across high temperature ranges (often < 100 ppm/°C). * **Insulation Resistance:** High dielectric strength to prevent arcing in high-voltage environments. --- ### 3. Common Applications These electronic parts are generally found in the following subsystems: 1. **Automotive ECUs:** Used for current sensing or as a discharge resistor for high-voltage battery systems. 2. **Industrial Power Supplies:** Acts as a snubber component to protect MOSFETs/IGBTs from voltage spikes. 3. **LED Drivers:** Used to regulate current flow in high-brightness lighting arrays. --- ### 4. Technical Precautions When handling or integrating the M3A28TBD-R, consider the following technical constraints: ```markdown - Thermal Dissipation: Ensure the PCB copper pour is sufficient for heat sinking. - Derating Curve: Power capacity drops significantly as ambient temperature exceeds 70°C. - Soldering Profile: Follow J-STD-020 standards to prevent internal ceramic cracking. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and wattage for your specific M3A28TBD-R application?
    • ⤷ Are you looking for a pin-to-pin equivalent/alternative for this part?
    • ⤷ Is this part being used in an automotive or industrial grade circuit?