Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A62FCD-R

  • AI
    The **M3A62FCD-R** is an industrial-grade, high-density DRAM module (specifically a Micro-DIMM or specialized SO-DIMM variant) typically manufactured by **Innodisk**. It is designed for embedded systems, networking appliances, and industrial computing where space is limited and reliability is critical. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 | | **Form Factor** | 204-pin SO-DIMM / Micro-DIMM | | **Capacity** | Typically 2GB or 4GB (Model dependent) | | **Data Rate** | 1600 MT/s (PC3-12800) | | **Voltage** | 1.5V (Standard DDR3) or 1.35V (DDR3L) | | **Function** | Unbuffered Non-ECC | | **Operating Temp** | 0°C to +85°C (Standard) / -40°C to +85°C (Industrial) | --- ## Key Electronic Components ### 1. DRAM Integrated Circuits (ICs) The core of the module consists of several DDR3 SDRAM chips. These chips use **Double Data Rate** technology, meaning they transfer data on both the rising and falling edges of the clock signal. * **Density:** Usually built using 2Gb or 4Gb high-grade silicon. * **Topology:** Organized in a specific rank (often Single Rank x8 or x16). ### 2. Serial Presence Detect (SPD) EEPROM This is a small 8-pin chip located on the PCB. * **Function:** It stores vital information about the module (timings, voltage, manufacturer, and serial number). * **Communication:** The system BIOS/UEFI reads this data via the **I2C/SMBus** protocol to automatically configure memory settings. ### 3. Decoupling Capacitors (MLCCs) You will notice numerous tiny ceramic capacitors surface-mounted near the DRAM chips. * **Purpose:** They filter high-frequency noise and provide local energy storage to stabilize the voltage supplied to the DRAM chips during rapid switching. ### 4. Golden Fingers (Connectors) The 204-pin interface is plated with **30μ” Gold**. * **Industrial Benefit:** The thicker gold plating prevents oxidation and ensures reliable electrical contact in environments subject to vibration or humidity. --- ## Distinctive Features for Industrial Use * **Anti-Sulfuration:** The resistors on the PCB are often treated with a specialized layer to prevent silver components from reacting with sulfur in polluted environments, which prevents open-circuit failures. * **Thermal Sensor (Optional):** Some variations of the "M3A" series include an integrated thermal sensor to monitor the module's temperature in real-time. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M3A62FCD-R and standard consumer laptop RAM?
    • ⤷ Can this module operate at 1.35V in a low-voltage DDR3L slot?
    • ⤷ What specific industrial certifications does Innodisk provide for this series?