Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A62TBD-R

  • AI
    The **M3A62TBD-R** is a specialized test board (TBD stands for Test Board) typically used for evaluating or programming **Renesas** microcontrollers, specifically those within the R8C/Tiny or M16C families. Below is a breakdown of the electronic components and technical specifications common to this board architecture. --- ### 1. Core Technical Specifications The board serves as an interface between a hardware emulator (like the E8 or E8a) and the target microcontroller. | Feature | Specification | | :--- | :--- | | **Compatible MCU Family** | Renesas M16C/62P, R8C/2x Series | | **Input Voltage** | 3.3V to 5.0V (Typical) | | **Interface Port** | 14-pin or 10-pin Emulator Header | | **Crystal Oscillator** | Socketed for frequency flexibility | | **PCB Layers** | 2-Layer or 4-Layer FR4 | --- ### 2. Key Electronic Components #### A. Microcontroller Socket Unlike consumer PCBs, these boards usually feature a **ZIF (Zero Insertion Force)** or a high-quality IC socket. This allows developers to swap different chips of the same family for testing without soldering. #### B. Clock Generation (Oscillators) * **Main Crystal:** Usually comes with a standard 4MHz, 8MHz, or 20MHz crystal. * **Load Capacitors:** Small ceramic capacitors (18pF - 22pF) paired with the crystal to ensure stable oscillation. #### C. Power Management Section * **Decoupling Capacitors:** Multiple 0.1µF ceramic capacitors placed close to the MCU VCC pins to filter high-frequency noise. * **LED Indicators:** Power-on LED (usually red or green) to indicate the presence of VCC. #### D. Debug & Programming Interface * **E8/E8a Header:** A dedicated pin header that connects the board to the Renesas hardware tool for On-Chip Debugging (OCD) and Flash programming. * **Reset Circuit:** A manual push-button connected to the `RESET` pin, often featuring a pull-up resistor and a small capacitor for debouncing. --- ### 3. Connection Pinout Logic The board routes the MCU pins to standard 2.54mm pitch headers, allowing for easy connection to oscilloscopes or breadboards. ```c // Typical Pin Distribution Header J1: Port P0.0 - P0.7 (General Purpose I/O) Header J2: Port P1.0 - P1.7 (ADC / Timers) Header J3: VCC, GND, RESET, MODE (Power & Control) ``` --- ### 4. Usage Considerations * **Jumper Settings:** Check for small solder-bridge jumpers or physical plastic jumpers that select between "Run Mode" and "Program Mode." * **Signal Integrity:** Because these are test boards, long jumper wires connected to the headers can introduce noise at high clock speeds.
    ✨ Follow-up Questions
    • ⤷ Which specific Renesas MCU model are you planning to use with this board?
    • ⤷ Do you need the schematic diagram for the E8a emulator connection?
    • ⤷ Are you looking for the specific jumper configuration for Flash programming?