Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A63TAA-R

  • AI
    The **M3A63TAA-R** is a specific part number typically associated with **Flash Memory (NAND)** modules, often produced by manufacturers like Micron or specialized memory solution providers. In the context of industrial and automotive electronics, these parts are critical for data storage in embedded systems. Below is a breakdown of the electronic characteristics and technical specifications typical for this class of component. --- ### 1. General Specifications The M3A63TAA-R is generally categorized as a high-density, high-performance storage chip designed for reliability in demanding environments. | Feature | Description | | :--- | :--- | | **Component Type** | NAND Flash Memory | | **Architecture** | Usually 3D TLC (Triple-Level Cell) or MLC | | **Interface** | ONFI (Open NAND Flash Interface) or Toggle DDR | | **Voltage Supply** | Typically 1.8V or 3.3V (Vcc/VccQ) | | **Package Type** | BGA (Ball Grid Array) - common for space-saving | | **Operating Temp** | Often Industrial Grade (-40°C to +85°C) | --- ### 2. Key Electronic Functions The internal circuitry of the M3A63TAA-R manages several complex tasks: * **Error Correction (ECC):** Integrated logic to detect and fix bit errors that occur during the read/write process. * **Wear Leveling:** Sophisticated algorithms ensure that data is distributed evenly across memory cells to prevent premature failure of specific blocks. * **Bad Block Management:** The chip identifies and "maps out" defective memory cells during the manufacturing and operational phases. * **Power Management:** Includes specialized low-power modes (Deep Power Down) to conserve energy in mobile or battery-operated devices. --- ### 3. Application Use-Cases Because of its robustness, this part is frequently found in: 1. **Automotive Systems:** Infotainment units, ADAS (Advanced Driver Assistance Systems), and digital clusters. 2. **Industrial Computing:** PLCs (Programmable Logic Controllers) and edge computing gateways. 3. **Networking Hardware:** High-speed routers and switches requiring stable firmware storage. --- ### 4. Technical Precautions When integrating this part into a PCB design, engineers must consider: * **Signal Integrity:** Due to high-speed data transfer, trace impedance must be strictly controlled (usually 50 ohms single-ended). * **Thermal Dissipation:** High-speed NAND can generate significant heat; adequate copper pours and thermal vias are required under the BGA package. * **Soldering:** Being a "RoHS" compliant part (indicated by the -R suffix), it requires specific lead-free reflow profiles to avoid damaging the internal silicon.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M3A63TAA-R module?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the pinout differences between this and the M3A series?