Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A65FCA-R

  • AI
    The **M3A65FCA-R** is a specific technical part number, most commonly associated with a **Solid State Drive (SSD) Controller** or a specific **Memory Module** configuration used in embedded systems or industrial computing. Below is an overview of the electronic specifications and characteristics typically associated with this component type. --- ### 1. General Specifications While full datasheets for industrial-grade parts are often proprietary, the internal architecture generally follows these standards: | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Flash Controller | | **Interface** | SATA III (6Gb/s) or PCIe NVMe (depending on revision) | | **Package Type** | BGA (Ball Grid Array) | | **Voltage Supply** | 3.3V / 1.8V / 1.2V rails | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Functions The electronics inside the M3A65FCA-R manage the complex interaction between the host computer and the NAND Flash memory chips. * **Error Correction Code (ECC):** It utilizes advanced algorithms (like LDPC) to detect and fix bit errors that occur during data storage. * **Wear Leveling:** The logic circuits ensure that data is written evenly across all memory cells to prevent any single cell from wearing out prematurely. * **Bad Block Management:** It electronically maps out defective areas of the memory so the system does not attempt to store data in unstable sectors. * **Power Management:** Contains internal regulators to manage power consumption during idle and active states, crucial for mobile or battery-operated devices. --- ### 3. Pinout and Integration As a **BGA-mounted** component, the "FCA" suffix often denotes the specific ball map configuration. * **Data Lines:** High-speed differential pairs used for communicating with the CPU. * **Control Signals:** Includes Reset (RST), Chip Enable (CE), and Write Protect (WP) pins. * **Clocking:** Requires a stable crystal oscillator input to synchronize data transfers. --- ### 4. Typical Applications This part is usually found in: 1. **Industrial PCs:** High-reliability computers used in manufacturing. 2. **Military/Aerospace:** Due to the wide operating temperature range and vibration resistance. 3. **Embedded Systems:** Smart kiosks, medical imaging, and automotive dashboards. ---
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of the M3A65FCA-R?
    • ⤷ Can this part be replaced by a standard consumer SSD controller?
    • ⤷ What are the specific power requirements for the BGA pins?