Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A65FCD-R

  • AI
    The **M3A65FCD-R** is a high-performance, radiation-hardened (Rad-Hard) Point of Load (POL) non-isolated DC-DC converter. It is specifically engineered by **International Rectifier (now Infineon Technologies)** for space applications, such as satellites and deep-space probes. --- ### 1. Key Technical Specifications The electrical characteristics are designed to provide stable power to sensitive digital components like FPGAs, ASICs, and Microprocessors in harsh environments. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0V to 6.0V DC | | **Output Voltage Range** | 0.6V to 3.3V (Adjustable) | | **Output Current** | Up to 15 Amperes | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~500 kHz (Synchronizable) | | **Radiation Tolerance (TID)** | 300 kRad(Si) | | **SEE (Single Event Effects)** | No SET/SEU/SEL up to LET 82 MeV·cm²/mg | --- ### 2. Major Electronic Sub-Systems The internal architecture of the M3A65FCD-R consists of several critical stages: #### A. Power Stage (Synchronous Buck) * **Radiation-Hardened MOSFETs:** High-side and low-side switches are built using Rad-Hard technology to prevent gate rupture or burnout under heavy ion exposure. * **Synchronous Rectification:** Uses a MOSFET instead of a diode for the low side to minimize conduction losses and maximize efficiency. #### B. Control & Feedback Loop * **PWM Controller:** A radiation-tolerant Pulse Width Modulation controller manages the switching cycles. * **Remote Sensing:** Includes "Remote Sense" pins to compensate for voltage drops across PCB traces, ensuring the load receives the exact requested voltage. * **Adjustability:** Uses an external resistor divider to set the output voltage between 0.6V and 3.3V. #### C. Protection Circuits * **Over-Current Protection (OCP):** Uses "hiccup mode" to protect the device during a short circuit. * **Under-Voltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to drive the MOSFETs safely. * **Soft Start:** Gradually increases the output voltage during power-up to prevent massive inrush currents. --- ### 3. Physical & Thermal Construction The "electronic parts" are housed in a specialized package to survive the vacuum of space: * **Hermetic Packaging:** The module is sealed in a moisture-proof, airtight metal case to prevent outgassing and protect against atmospheric contaminants before launch. * **Thermal Interface:** The bottom of the package is designed to be bolted or soldered to a cold plate, as convection cooling is impossible in space. --- ### 4. Typical Application Diagram ```mermaid graph LR Vin[Input 5V] --> Filter[EMI Filter] Filter --> M3A65FCD[M3A65FCD-R Module] M3A65FCD --> Vout[Regulated 1.0V to FPGA] Sense[Remote Sense] -.-> M3A65FCD ```
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the M3A and M3G series of converters?
    • ⤷ How is the output voltage adjusted using external resistors?
    • ⤷ What are the specific soldering requirements for space-grade hermetic modules?