Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A66FAA-R

  • AI
    The **M3A66FAA-R** is a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module, specifically a **DDR4 SODIMM** (Small Outline Dual In-line Memory Module). These parts are typically manufactured by **SK Hynix**. Below is a detailed breakdown of its electronic specifications and technical architecture. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the M3A66FAA-R series: | Parameter | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | SODIMM (260-pin) | | **Capacity** | Typically 16GB (varies by density) | | **Speed/Frequency** | 3200 MT/s (PC4-25600) | | **Voltage (VDD)** | 1.2V (Standard Low Voltage) | | **CAS Latency** | CL22 | | **Rank Configuration** | 2Rx8 (Dual Rank) | | **Operating Temperature** | 0°C to 85°C | --- ### 2. Key Electronic Components The module is composed of several critical integrated circuits (ICs) and discrete components: #### A. DRAM Chips (The Core) * **Architecture:** Uses high-density DDR4 chips (often 8Gb or 16Gb dies). * **Bank Groups:** Features a 16-bank architecture (4 bank groups with 4 banks each) to allow for faster data interleaving. * **Refresh:** Supports Auto-Refresh and Self-Refresh modes to maintain data integrity. #### B. Serial Presence Detect (SPD) EEPROM * This is a small non-volatile memory chip located on the PCB. * **Function:** It stores the module's timing parameters, manufacturer ID, and serial number. When the system boots, the BIOS reads this chip via the **I2C/SMBus** protocol to configure the memory controller automatically. #### C. Passives and Power Decoupling * **Decoupling Capacitors:** Multiple surface-mount capacitors (MLCCs) are placed near each DRAM chip to filter electrical noise and stabilize the 1.2V supply during high-speed switching. * **Termination Resistors:** Used for On-Die Termination (ODT) to prevent signal reflections on the data bus. --- ### 3. Pinout and Interface The **260-pin gold finger interface** provides the electrical path for: 1. **Address Bus:** Selects the specific row and column within the memory banks. 2. **Data Bus (DQ):** 64-bit wide path for data transfer. 3. **Clock (CK/CK#):** Differential clock signals for precise synchronization. 4. **Control Signals:** Including Command/Address (C/A) parity to detect errors on the bus. --- ### 4. Application Use-Case Because of the **SODIMM** form factor and **1.2V** power consumption, this part is electronically optimized for: * High-end Laptops and Workstations. * Small Form Factor (SFF) PCs (e.g., Intel NUC). * Industrial Embedded Systems requiring high bandwidth.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 1Rx8 and 2Rx8 for this specific module?
    • ⤷ Can this DDR4 module be used in a DDR5 slot?
    • ⤷ How does the 1.2V operating voltage benefit laptop battery life compared to DDR3?