Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A68FAG-R

  • AI
    The **M3A68FAG-R** is a specific part number typically associated with **DDR3 SDRAM memory modules**, often manufactured by companies like **SK Hynix** or utilized in OEM systems (such as Cisco or HP networking gear). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M3A68FAG-R is a Registered DIMM (RDIMM) designed for server and workstation environments where data integrity and high capacity are critical. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Form Factor** | 240-pin RDIMM (Registered DIMM) | | **Capacity** | Typically 8GB or 16GB (varies by suffix) | | **Error Correction** | ECC (Error Correction Code) | | **Voltage** | 1.5V (Standard) or 1.35V (Low Voltage) | | **Rank** | Dual Rank (2Rx4 or 2Rx8) | --- ### 2. Key Electronic Components A memory module like the M3A68FAG-R consists of several distinct electronic parts integrated onto a PCB: #### A. DRAM Chips (The Memory Cells) These are the black integrated circuits (ICs) mounted on the board. * **Function:** Store the actual data bits. * **Technology:** Uses CMOS process technology. In this specific model, these are high-density DDR3 chips. #### B. Register (The "R" in RDIMM) Unlike standard desktop RAM (UDIMM), this module includes a **Register chip** (often an Inphi or IDT component). * **Function:** It acts as a buffer between the system memory controller and the DRAM chips. * **Benefit:** It reduces the electrical load on the memory controller, allowing the system to remain stable even when many sticks of RAM are installed. #### C. SPD EEPROM (Serial Presence Detect) A small 8-pin chip located on the PCB. * **Function:** Stores timing data, manufacturer info, and voltage requirements. * **Communication:** The BIOS/UEFI reads this via the I2C/SMBus protocol during boot to configure the memory settings automatically. #### D. Decoupling Capacitors Small SMD (Surface Mount Device) components scattered near the DRAM chips. * **Function:** Filter electrical noise and provide local energy storage to stabilize the voltage during high-speed switching. --- ### 3. Technical Operational Logic The electronic behavior of this part follows the **JEDEC** standards for DDR3: 1. **Differential Clocking:** Uses `CK` and `CK#` signals to trigger data transfers on both the rising and falling edges of the clock pulse. 2. **Fly-by Topology:** Used for command, address, and control signals to improve signal integrity at higher speeds. 3. **On-Die Termination (ODT):** Internal resistors within the chips prevent signal reflections (echoes) that could cause data corruption. --- ### 4. Application Example (Cisco Networking) This specific part number is frequently found in **Cisco UCS Servers** or **Nexus Switches**. * **Code Example (Checking RAM via CLI):** ```bash # On a Cisco Nexus/UCS system, you might see this part identified via: show inventory # Or to see memory details: show memory hardware ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between RDIMM and UDIMM in terms of electronic stability?
    • ⤷ Can M3A68FAG-R be used in a standard consumer motherboard?
    • ⤷ How does ECC functionality physically work on this module?