Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A71FCG-R

  • AI
    The **M3A71FCG-R** refers to a high-performance, automotive-grade Silicon Carbide (SiC) Power MOSFET module developed by **onsemi**. This component is designed for high-efficiency power conversion in demanding environments. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M3A71FCG-R: | Parameter | Value | | :--- | :--- | | **Technology** | Silicon Carbide (SiC) MOSFET | | **Configuration** | 6-Pack (Three-Phase Bridge) | | **Drain-to-Source Voltage ($V_{DSS}$)** | 1200 V | | **Continuous Drain Current ($I_D$)** | ~100A - 150A (Depending on $T_C$) | | **Gate-Source Voltage ($V_{GS}$)** | -10V to +22V | | **Package Type** | F1 Case (Press-fit pins) | | **Qualification** | AEC-Q101 (Automotive Grade) | --- ### 2. Major Electronic Characteristics #### A. Silicon Carbide (SiC) Material Benefits Unlike standard Silicon (Si) MOSFETs, SiC allows for: * **Higher Thermal Conductivity:** Better heat dissipation. * **Faster Switching:** Reduced switching losses, allowing for smaller passive components (inductors/capacitors). * **High-Voltage Operation:** Stable performance at 1200V, ideal for 800V battery systems. #### B. Integrated Components The module is not just a single transistor; it is a **Power Integrated Module (PIM)**: 1. **Six MOSFETs:** Arranged in a three-phase bridge to drive AC motors. 2. **Thermistor (NTC):** An internal Negative Temperature Coefficient resistor is included for real-time temperature monitoring and thermal protection. 3. **Low Inductance Design:** The internal layout is optimized to minimize parasitic inductance, which reduces voltage spikes during high-speed switching. --- ### 3. Application Areas Due to its robust construction and high voltage rating, this part is primarily used in: * **EV Traction Inverters:** Converting DC battery power to AC to drive electric vehicle motors. * **On-Board Chargers (OBC):** High-efficiency AC-to-DC charging systems. * **DC-DC Converters:** Step-down or step-up voltage conversion within vehicles or industrial power grids. * **Renewable Energy:** High-power solar inverters and energy storage systems. --- ### 4. Comparison: SiC vs. IGBT In the context of the M3A71FCG-R, SiC technology offers distinct advantages over traditional Insulated Gate Bipolar Transistors (IGBTs): ```cpp // Comparison logic for Power Modules if (Tech == "SiC") { Efficiency = High; Thermal_Resistance = Low; Switching_Frequency = Max; } else if (Tech == "IGBT") { Efficiency = Moderate; Thermal_Resistance = Moderate; Switching_Frequency = Limited; } ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the F1 package used in this module?
    • ⤷ How does the NTC thermistor interface with a microcontroller for thermal protection?
    • ⤷ What is the recommended gate driver voltage for the M3A71FCG-R?