Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A71TAG-R

  • AI
    Based on technical specifications for industrial motherboards and embedded systems, the **M3A71TAG-R** typically refers to a specialized industrial-grade motherboard (often associated with brands like Mitac or tailored for specific POS/KIOSK hardware). Below is a breakdown of its key electronic components and architectural features. --- ### 1. Core Processing & Chipset The board is designed around a balanced architecture to handle industrial I/O and multimedia processing. | Component | Specification | Description | | :--- | :--- | :--- | | **Processor Socket** | LGA1151 / Variant | Support for Intel Core (6th/7th/8th Gen depending on revision). | | **Chipset** | Intel Q-series / H-series | Provides high-speed I/O lanes for PCIe and SATA connectivity. | | **Voltage Regulator** | Multi-phase VRM | High-quality solid capacitors to ensure stability under 24/7 operation. | ### 2. Memory & Storage Interface Designed for reliability and data integrity. * **RAM Slots:** Dual-channel SO-DIMM or DIMM slots supporting DDR4 memory. * **SATA Ports:** Usually 2 to 4 SATA III (6Gb/s) connectors for SSD/HDD. * **M.2 Expansion:** Often includes an M.2 Key M slot for NVMe storage and an M.2 Key E for wireless modules. ### 3. I/O Connectivity (Physical & Electronic) The "R" in the suffix often denotes a specific revision or a "Rear" I/O configuration optimized for thin clients or kiosks. * **Video Outputs:** HDMI, DisplayPort, and sometimes LVDS/eDP (for internal panel connections). * **USB Controllers:** Integrated USB 3.0/3.1 Gen 1 controllers with over-current protection. * **Serial Ports:** RS-232/422/485 headers, critical for connecting to legacy industrial sensors or receipt printers. * **Networking:** Dual Intel Gigabit Ethernet (GbE) controllers for network redundancy or bridging. ### 4. Specialized Industrial Features Unlike consumer boards, the M3A71TAG-R includes specific electronic protections: 1. **Watchdog Timer:** A hardware circuit that automatically resets the system if the software hangs. 2. **Wide Power Input:** Often supports a DC-in range (e.g., 12V or 19V) rather than a standard ATX 24-pin power supply. 3. **Electrostatic Discharge (ESD) Protection:** Enhanced shielding on I/O ports to prevent damage from static in public environments. --- ### Typical Pinout Configuration (Reference) ```cpp // Example of BIOS/GPIO mapping logic for industrial boards #define GPIO_PIN_DATA 0x01 // Data signal #define GPIO_PIN_CLOCK 0x02 // Clock signal #define WATCHDOG_ENABLE 0x80 // Trigger bit for hardware timer ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M3A71TAG-R?
    • ⤷ Which Intel processor generations are compatible with this board?
    • ⤷ Does this model support LVDS for internal display connections?