Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A72FCX-R

  • AI
    The **M3A72FCX-R** (often associated with the MS-7522 or similar MSI-designed OEM boards) is a high-performance motherboard based on the **AMD 790FX chipset**. It was designed during the transition era between DDR2 and DDR3, primarily supporting the AMD Phenom series processors. Below is a detailed breakdown of its electronic components and architecture. --- ### 1. Chipset Architecture The board utilizes a two-chip solution to manage high-speed data and peripheral communication. | Component | Function | | :--- | :--- | | **Northbridge (AMD 790FX)** | Handles high-speed communication between the CPU and PCIe lanes. Supports Quad CrossFireX. | | **Southbridge (SB750)** | Manages SATA ports, USB, PCI slots, and power management features like Advanced Clock Calibration (ACC). | --- ### 2. Power Delivery System (VRM) The Voltage Regulator Module (VRM) is critical for CPU stability, especially for high-TDP Phenom processors. * **Phases:** Typically features a 4+1 or 5-phase power design. * **Capacitors:** Solid-state electrolytic capacitors (Solid Caps) are used to ensure longevity and heat resistance compared to standard liquid capacitors. * **MOSFETs:** Standard N-channel MOSFETs, often cooled by a copper or aluminum heat pipe system connected to the Northbridge. * **Chokes:** Ferrite core chokes to reduce electromagnetic interference (EMI) and provide stable current. --- ### 3. Memory & Expansion Slots The electronic traces on the PCB are optimized for high-frequency signals. * **RAM Slots:** 4x DIMM slots supporting **DDR2** (up to 1066MHz). The electronic design uses a dual-channel architecture. * **PCI-Express:** It features multiple PCIe 2.0 x16 slots. Electrically, these slots can run in x16/x16 mode or x8/x8/x8/x8 mode depending on the population of the slots, managed by the 790FX Northbridge. --- ### 4. Integrated Controllers (IC) Several specialized integrated circuits manage the I/O and networking: 1. **Audio Codec:** Usually a **Realtek ALC888** or similar, providing 7.1 channel High Definition Audio with dedicated analog filtering capacitors. 2. **Ethernet:** A **Realtek RTL8111C** Gigabit LAN controller connected via the PCIe bus for maximum throughput. 3. **Super I/O:** A **Fintek** or **ITE** chip that monitors hardware health (fan speeds, voltages, and temperatures). 4. **SATA Controller:** The SB750 provides 6 SATA II (3Gb/s) ports with hardware RAID support (0, 1, 5, 10). --- ### 5. Connectivity Interface | Port Type | Technology | | :--- | :--- | | **USB 2.0** | Handled by SB750; supports up to 12 ports total. | | **IEEE 1394 (FireWire)** | Often powered by a **VIA VT6308P** controller for legacy digital video devices. | | **BIOS** | SPI Flash Memory chip (usually 8Mb or 16Mb) storing the AMI BIOS. | --- ### Technical Summary The M3A72FCX-R is electronically characterized by its **high-bandwidth PCIe routing** and **robust power phases**, making it a flagship-tier board for its generation. Its reliance on the SB750 Southbridge was particularly significant for overclockers due to the introduction of the ACC (Advanced Clock Calibration) feature.
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU socket requirements for the M3A72FCX-R?
    • ⤷ How does the SB750 Southbridge improve overclocking compared to previous versions?
    • ⤷ Can this motherboard support DDR3 memory through a BIOS update?