Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A73TAG-R

  • AI
    The **M3A73TAG-R** is an industrial-grade Micro-ATX motherboard designed by Portwell, built specifically for the AMD platform. It targets embedded systems, automation, and digital signage. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Architecture & Chipset This board is built on a legacy AMD architecture optimized for reliability and long-lifecycle support. | Component | Specification | | :--- | :--- | | **CPU Socket** | AMD Socket AM3/AM2+ | | **Supported CPUs** | AMD Phenom II, Athlon II, and Sempron processors | | **Northbridge** | AMD 780G (Integrated graphics and high-speed I/O) | | **Southbridge** | AMD SB700 (Manages SATA, USB, and PCI lanes) | ### 2. Memory and Storage Interface The board utilizes standard DDR2 memory, which was common for the era of its release, ensuring compatibility with industrial legacy hardware. * **RAM Slots:** 4x 240-pin DIMM sockets. * **Memory Type:** Dual-channel DDR2 1066/800/667 MHz. * **Max Capacity:** Up to 8GB. * **Storage:** * 6x SATA II (3.0 Gb/s) ports supporting RAID 0, 1, 10. * 1x Ultra DMA 133/100/66 IDE connector (for legacy drives). ### 3. Expansion and I/O Connectivity The "Industrial" nature of the board is defined by its diverse range of expansion slots and serial communication ports. #### Expansion Slots 1. **PCI-Express x16:** 1 slot for dedicated high-end graphics cards. 2. **PCI-Express x1:** 1 slot for modern expansion cards. 3. **PCI (32-bit):** 2 slots for legacy industrial control cards. #### Rear and Internal I/O * **Video Output:** Integrated ATI Radeon HD 3200 (VGA, DVI-D, and HDMI support). * **Networking:** Dual Gigabit Ethernet (typically Realtek RTL8111C controllers). * **USB:** Up to 12x USB 2.0 ports (6 on rear, 6 via internal headers). * **Serial Ports:** Includes RS-232/422/485 headers, critical for industrial PLC and sensor communication. ### 4. Power and Thermal Management * **Power Input:** Standard 24-pin ATX power connector + 4-pin 12V CPU power. * **Cooling:** Passive heatsinks on the Northbridge and Southbridge; 3x fan headers (CPU, System, and Power fan) with speed monitoring. * **BIOS:** AMI BIOS with support for "Wake-on-LAN" and "Watchdog Timer" (essential for remote industrial recovery). --- ### 5. Unique Industrial Features Unlike consumer boards, the M3A73TAG-R includes: * **Watchdog Timer:** Programmable 1~255 sec/min; resets the system if software freezes. * **Long Life Cycle:** Manufactured with components designed to be available for 5-7 years. * **Strict Revision Control:** Ensures the hardware signature doesn't change, preventing software compatibility issues in factories.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M3A73TAG-R?
    • ⤷ Which operating systems are officially supported by this motherboard?
    • ⤷ Can the integrated ATI Radeon HD 3200 handle dual-monitor setups?