Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A73TCD-R

  • AI
    The **M3A73TCD-R** appears to be a specialized motherboard or controller board often used in industrial or proprietary computing environments (typically associated with brands like Advantech or similar industrial PC manufacturers). Below is an overview of the electronic components and technical specifications typical of this board series. --- ### 1. Core Architecture & Processing The board is designed around the **AMD platform**, specifically utilizing the AM3/AM3+ socket or integrated chipsets for industrial reliability. | Component | Description | | :--- | :--- | | **CPU Socket** | Supports AMD Phenom II, Athlon II, and Sempron processors. | | **Chipset** | Typically features the **AMD 760G + SB710** bridge combination. | | **Northbridge** | Handles high-speed communication between the CPU and RAM. | | **Southbridge** | Manages I/O functions like SATA, USB, and PCI slots. | --- ### 2. Memory & Storage Interface This board is designed for stability rather than overclocking, focusing on high-density storage and error-correction. * **RAM Slots:** 4x DDR3 DIMM slots, often supporting up to 16GB of Dual-channel memory. * **SATA Ports:** Integrated SATA II (3.0 Gb/s) controllers with RAID 0, 1, 10 support. * **Legacy I/O:** Often includes an IDE header for older industrial drives. --- ### 3. Integrated Circuitry & Connectivity The "R" in the model name often refers to specific "Raid" or "Revision" features intended for server-grade or industrial tasks. #### Power Regulation (VRM) The board uses a **Multi-phase Voltage Regulator Module (VRM)**. These consist of: * **MOSFETs:** High-frequency switches to step down voltage. * **Solid Capacitors:** Used for long-term durability under high-heat conditions (rated for 5,000+ hours). * **Chokes:** Ferrite core inductors to provide clean power to the processor. #### Integrated Controllers | Chip Type | Function | | :--- | :--- | | **Realtek ALC series** | High Definition Audio Codec. | | **Realtek RTL8111** | Gigabit Ethernet Controller (LAN). | | **Super I/O Chip** | Manages PS/2, Serial (COM) ports, and Hardware Monitoring. | --- ### 4. Expansion Slots The "TCD" designation usually implies a specific layout for expansion cards: 1. **PCI-Express x16:** For dedicated graphics or high-speed FPGA cards. 2. **PCI-Express x1:** For modern networking cards. 3. **Legacy PCI:** Essential for industrial automation cards used in manufacturing. --- ### Technical Summary This electronic assembly is built for **24/7 operation**. Unlike consumer boards, the M3A73TCD-R prioritizes **serial connectivity (COM ports)** and **long-term component availability** over high-speed gaming features.
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for this motherboard?
    • ⤷ Does this board support ECC (Error Correction Code) memory?
    • ⤷ What is the maximum operating temperature for this industrial board?