Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A73TCX-R

  • AI
    The **M3A73TCX-R** is an industrial-grade Micro-ATX motherboard designed by **DFI (Diamond Flower Inc.)** for their LANParty or industrial computing lines. It is built around the **AMD 790GX** chipset and supports the AM2+ socket. Below is a breakdown of the key electronic components and technical specifications of this board. --- ### 1. Core Chipset Architecture The board utilizes a classic Northbridge/Southbridge architecture common in its generation. | Component | Specification | Function | | :--- | :--- | :--- | | **Northbridge** | AMD 790GX | Manages high-speed communication between CPU, RAM, and PCIe. | | **Southbridge** | AMD SB750 | Controls I/O, SATA ports, USB, and BIOS functions. | | **IGP** | Radeon HD 3300 | Integrated graphics with dedicated **SidePort Memory**. | ### 2. Power Delivery & VRM The voltage regulator module (VRM) is a critical electronic part for system stability. * **Phase Design:** Usually features a 4+1 or 5-phase power design. * **Capacitors:** High-quality **Solid Capacitors** are used throughout the board to ensure longevity and heat resistance under heavy loads. * **MOSFETs:** Low RDS(on) MOSFETs are used to reduce power loss and heat generation during voltage conversion. ### 3. Memory & Expansion Slots The board interfaces with various electronic peripherals through these standardized slots: * **DDR2 RAM Slots:** 4 slots supporting Dual-Channel DDR2 1066/800 MHz. * **PCI-Express 2.0:** * 2 x PCIe x16 slots (Supports **ATI CrossFireX**). * 1 x PCIe x1 slot. * **Legacy PCI:** 1 x standard PCI slot for older industrial or audio cards. ### 4. Storage & Connectivity The electronic controllers for data transfer include: * **SATA II:** 6 ports provided by the SB750, supporting RAID 0, 1, 5, and 10. * **Ethernet:** Marvell 88E8056/88E8053 (or similar) Gigabit LAN controller for high-speed networking. * **Audio:** Realtek ALC885/888 High Definition Audio codec for 8-channel sound output. * **Super I/O:** ITE IT8712F (or similar) chip for monitoring temperatures, fan speeds, and controlling PS/2 ports. --- ### 5. Technical Specification Summary | Feature | Details | | :--- | :--- | | **Socket** | AMD AM2+ / AM2 | | **Form Factor** | Micro-ATX (24.4cm x 24.4cm) | | **Video Outputs** | HDMI, DVI, and VGA (D-Sub) | | **Max Memory** | Up to 8GB or 16GB depending on module density | | **Power Connector** | 24-pin ATX and 8-pin 12V CPU | --- ### 6. Notable Electronic Features * **SidePort Memory:** This board often includes a dedicated 128MB DDR3 memory chip soldered directly to the motherboard to act as a buffer for the integrated GPU, improving graphics performance without taxing the system RAM. * **Debug LED:** A 2-digit onboard LED display for POST code troubleshooting, essential for identifying hardware failures (e.g., RAM or CPU initialization errors).
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU series for the AM2+ socket on this board?
    • ⤷ How does the SidePort memory improve integrated graphics performance?
    • ⤷ Can this motherboard support modern Windows operating systems?