Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A74FBD-R

  • AI
    The **M3A74FBD-R** is a specific part number typically associated with high-performance industrial or enterprise-grade memory modules, specifically **DDR3 Fully Buffered DIMMs (FB-DIMM)**. These are often used in servers and high-end workstations (like the Apple Mac Pro or Dell PowerEdge series from the late 2000s). Below is a breakdown of the electronic components and technical specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Form Factor** | FB-DIMM (Fully Buffered Dual Inline Memory Module) | | **Capacity** | 4GB (Typical for this specific SKU) | | **Speed** | PC3-8500 (1066 MHz) | | **Error Correction** | ECC (Error Correcting Code) | | **Voltage** | 1.5V (standard for DDR3) | | **Pins** | 240-Pin | --- ### 2. Key Electronic Components The architecture of an FB-DIMM is significantly different from standard desktop RAM due to the inclusion of specialized logic chips. #### A. AMB (Advanced Memory Buffer) This is the most critical electronic component on the M3A74FBD-R. * **Function:** Unlike standard RAM where the memory controller communicates directly with each DRAM chip, in an FB-DIMM, the controller talks only to the **AMB**. * **Purpose:** It manages the serial-to-parallel conversion of data, reduces electrical load on the memory bus, and allows for higher capacities and stability. #### B. DRAM Chips (Dynamic Random Access Memory) * The module is populated with several individual CMOS memory chips. * **Organization:** These are usually organized in a "Rank" structure (e.g., 2Rx4 or 2Rx8), determining how the data is stored and accessed. #### C. SPD EEPROM (Serial Presence Detect) * A small 8-pin chip that stores information about the module (speed, timing, manufacturer, and serial number). * The system BIOS reads this chip during POST (Power-On Self Test) to configure the memory settings automatically. #### D. Thermal Sensor & Heat Spreader * **Thermal Management:** FB-DIMMs run significantly hotter than standard DIMMs because the **AMB chip** consumes a lot of power. * **Hardware:** The "R" in the suffix often denotes a specific Revision or Rohs compliance, but physically, these modules are almost always encased in a metal heat sink to dissipate heat from the AMB. --- ### 3. Usage & Compatibility Warnings Because this is a **Fully Buffered** module, it has physical and electrical differences compared to standard DDR3: 1. **The Notch:** The physical notch on the bottom connector is in a different position than standard DDR3 Unbuffered (UDIMM) or Registered (RDIMM) memory to prevent accidental insertion into incompatible motherboards. 2. **Power Consumption:** These modules require more power and generate more heat than modern DDR4 or DDR5. 3. **Specific Systems:** This part is primarily used in Intel Xeon systems (5000 series chipsets) or AMD Opteron systems that specifically require FB-DIMM technology.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FB-DIMM and Registered (RDIMM) memory?
    • ⤷ Which server models are compatible with the M3A74FBD-R?
    • ⤷ Why does the AMB chip cause FB-DIMMs to run hotter than other RAM types?