Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A75FCA-R

  • AI
    The **M3A75FCA-R** is an industrial-grade motherboard typically designed for embedded systems, digital signage, and specialized computing. It is often associated with manufacturers like **Mitac** or **Advantech** (serving the industrial PC market). Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Processing & Chipset This board is built around the **AMD platform**, focusing on energy efficiency and integrated graphics performance. | Component | Specification | | :--- | :--- | | **CPU Socket** | Integrated (SoC) or FS1r2 (depending on specific revision) | | **Processor Support** | AMD R-Series (Bald Eagle) or A-Series APUs | | **Chipset** | AMD A75 (Hudson-D3) FCH | | **Architecture** | x86-64 | ### 2. Memory & Storage Interface The electronic layout prioritizes high-speed data transfer and reliability in non-stop environments. * **RAM Slots:** Usually 2x DDR3/DDR3L SO-DIMM slots. * **SATA Ports:** Integrated SATA III (6Gb/s) controllers for high-speed SSD/HDD connection. * **mSATA/M.2:** Often includes a Mini-PCIe slot that supports mSATA for compact industrial storage. ### 3. Power Regulation & Connectivity Industrial boards use high-quality **solid capacitors** to ensure a long MTBF (Mean Time Between Failures). | Feature | Details | | :--- | :--- | | **Power Input** | Typically 12V - 19V DC-In or standard 24-pin ATX | | **USB Support** | USB 3.0 (Blue) and USB 2.0 headers | | **Display Output** | Multiple DisplayPort (DP), HDMI, or LVDS for internal panels | | **Networking** | Dual Gigabit Ethernet (Intel or Realtek controllers) | ### 4. Expansion & Specialized Headers Unlike consumer boards, the M3A75FCA-R features headers for industrial automation. 1. **COM Ports (RS-232/422/485):** Essential for connecting to legacy industrial machinery and sensors. 2. **GPIO Header:** General Purpose Input/Output for direct hardware triggering. 3. **TPM Header:** Trusted Platform Module for hardware-level security and encryption. 4. **PCIe Slots:** Usually 1x PCIe x16 or x4 slot for riser cards or specialized capture cards. --- ### Summary Table: Electronic Highlights | Category | Component Detail | | :--- | :--- | | **Form Factor** | Mini-ITX (standard for compact industrial builds) | | **Graphics** | Integrated AMD Radeon™ HD series | | **Audio** | Realtek ALC series High Definition Audio | | **Cooling** | Active (Heatsink + Fan) or Passive options depending on TDP |
    ✨ Follow-up Questions
    • ⤷ What is the maximum RAM capacity supported by the M3A75FCA-R?
    • ⤷ Which operating systems are most compatible with this industrial board?
    • ⤷ Does this motherboard support dual-display output for digital signage?