Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A75TAD-R

  • AI
    The **M3A78-T** (often identified in parts lists as M3A78-T/AD-R) is a high-end motherboard manufactured by ASUS, based on the AMD 790GX chipset. Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Chipset Architecture The board utilizes a Northbridge/Southbridge architecture typical of the AM2+ era. | Component | Part/Model | Function | | :--- | :--- | :--- | | **Northbridge** | AMD 790GX | Manages high-speed communication between CPU, RAM, and PCIe. | | **Southbridge** | AMD SB750 | Handles SATA ports, USB, PCI slots, and power management. | | **Integrated GPU** | ATI Radeon HD 3300 | Built-in graphics with support for Hybrid CrossFireX. | | **SidePort Memory** | 128MB DDR3 | Dedicated onboard memory for the integrated GPU to boost performance. | --- ### 2. Power Delivery System (VRM) The electronic stability of this board relies on its Voltage Regulator Module (VRM) design. * **Phase Design:** It features an **8+2 Phase Power Design**. * **8 Phases:** Dedicated to the CPU core voltage (Vcore). * **2 Phases:** Dedicated to the Memory controller/L3 cache within the CPU. * **Capacitors:** Uses **High-quality Conductive Polymer Capacitors** (Solid Caps) which offer better longevity and heat resistance compared to standard electrolytic capacitors. * **EPU (Energy Processing Unit):** A proprietary ASUS controller chip that digitally monitors and adjusts power phases based on system load to save energy. --- ### 3. Connection & Peripheral Controllers Beyond the main chipset, several third-party electronic chips manage specific I/O functions: | Function | Controller Chip | Specification | | :--- | :--- | :--- | | **Audio** | Realtek ALC1200 | 8-Channel High Definition Audio Codec. | | **Ethernet (LAN)** | Marvell 88E8056 | PCIe Gigabit LAN controller. | | **Firewire (IEEE 1394)** | LSI L-FW3227 | Supports two 1394a ports (one header, one back I/O). | | **Super I/O** | ITE IT8712F | Monitors fan speeds, temperatures, and legacy ports (PS/2). | --- ### 4. Expansion and Memory Electronic Logic * **PCI Express 2.0:** The board includes three physical PCIe x16 slots. Electronic switching allows for: * Single Card: x16 mode. * Dual Cards: x8 / x8 mode. * Triple Cards: x8 / x8 / x4 mode. * **Memory Bus:** Supports 4 x DIMM slots, maxing out at 16GB of DDR2 memory (1066/800/667 MHz). Note that DDR2 was the standard for the AM2+ socket. --- ### 5. Notable Electronic Features * **Stack Cool 2:** A specialized PCB design layer that helps dissipate heat generated by the power components to the other side of the board. * **Express Gate:** A dedicated flash memory chip that stores a "mini-OS" (Linux-based) allowing the user to access the internet in 5 seconds without booting Windows. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU socket types for the M3A78-T?
    • ⤷ Can this motherboard support modern DDR4 or DDR5 RAM?
    • ⤷ How does the Hybrid CrossFireX feature work on this chipset?