Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A75TBA-R

  • AI
    The **M3A75TBA-R** is a specialized industrial-grade motherboard, often used in embedded systems, digital signage, or specific computing appliances. It is designed for longevity and stability rather than high-end consumer gaming. Below is an explanation of its primary electronic components and architecture. ### 1. Core Processing & Chipset The board is built around the **AMD platform**, utilizing an architecture designed for cost-effective performance and integrated graphics. | Component | Description | | :--- | :--- | | **CPU Socket** | Typically supports AMD processors (Socket AM3/AM2+), focusing on Athlon or Phenom series. | | **Northbridge** | AMD 760G (or similar 7-series), managing the high-speed communication between the CPU, RAM, and PCIe. | | **Southbridge** | AMD SB710, handling I/O functions like SATA, USB, and PCI slots. | --- ### 2. Memory and Power Regulation The power delivery system is designed for industrial 24/7 operation, prioritizing heat dissipation and voltage stability. * **RAM Slots:** Usually features 2x DDR3 DIMM slots. It uses a dual-channel architecture to maximize memory bandwidth. * **VRM (Voltage Regulator Module):** Consists of solid capacitors, MOSFETs, and chokes. These step down the 12V power from the PSU to the precise Vcore voltage required by the CPU. * **Solid Capacitors:** Unlike standard electrolytic capacitors, these are rated for higher temperatures and longer lifespans, preventing "capacitor plague" (leaking/bulging). --- ### 3. Connectivity and Expansion The "TBA" designation often refers to specific industrial configurations for I/O. | Interface | Type/Details | | :--- | :--- | | **Expansion Slots** | 1x PCIe x16 (for discrete GPUs), 1x PCIe x1, and legacy PCI slots for industrial capture cards. | | **Storage** | SATA 3Gb/s connectors for HDDs/SSDs; occasionally includes an IDE header for legacy hardware support. | | **Video Output** | Integrated ATI Radeon HD 3000 series graphics, usually providing VGA and DVI/HDMI outputs. | | **Ethernet** | Realtek Gigabit LAN controller for high-speed networking. | --- ### 4. Specialized Industrial Features As an industrial board, it contains components not always found on consumer boards: 1. **Watchdog Timer:** A hardware component that automatically resets the system if the software hangs or freezes. 2. **COM Ports (RS-232):** Includes headers for serial communication, essential for connecting to older industrial machinery or sensors. 3. **TPM Header:** A socket for a Trusted Platform Module to provide hardware-based security and encryption. --- ### Summary Table: Key Specs | Feature | Specification | | :--- | :--- | | **Form Factor** | Micro-ATX (standard for compact industrial builds) | | **Audio** | Realtek ALC series (High Definition Audio) | | **USB** | USB 2.0 (multiple rear ports + internal headers) | | **BIOS** | AMI BIOS with support for ACPI power management |
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU models for the M3A75TBA-R?
    • ⤷ Does this motherboard support UEFI or legacy BIOS?
    • ⤷ What is the maximum RAM capacity supported by this board?