Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A76TBD-R

  • AI
    The **M3A76TBD-R** is an industrial-grade motherboard typically associated with integrated systems or specific OEM builds (often seen in digital signage or thin-client environments). It is based on the **AMD RS760E (760G) + SB710** chipset architecture. Below is a breakdown of its key electronic components and technical specifications: ### 1. Core Chipset Architecture The board utilizes a classic Northbridge/Southbridge architecture common for the AM3/AM2+ socket era. | Component | Function | | :--- | :--- | | **Northbridge (AMD 760G)** | Manages high-speed communication between the CPU, RAM, and Integrated Graphics. | | **Southbridge (SB710)** | Handles I/O operations, SATA controllers, USB ports, and BIOS management. | | **Graphics (ATI Radeon 3000)** | Integrated DirectX 10 graphics capable of basic 1080p playback. | --- ### 2. Key Electronic Interfaces These parts define the connectivity and expansion capabilities of the board: * **Processor Socket:** Supports **AMD AM3 / AM2+** processors (Phenom II, Athlon II, Sempron). Note that the TDP (Thermal Design Power) is usually capped at 95W for these industrial boards. * **Memory Slots:** Typically features 2x DDR2 or DDR3 DIMM slots (depending on the specific revision), supporting Dual Channel architecture. * **Storage Controllers:** Integrated **SATA 3.0 Gb/s** connectors and an IDE header for legacy drive support. * **Expansion Slots:** * 1x PCI-Express x16 (for discrete graphics or high-speed NICs). * 1x PCI-Express x1 (for specialized industrial cards). --- ### 3. Integrated Peripheral Components The board populates various Integrated Circuits (ICs) to handle audio, networking, and power management: | Part Type | Description | | :--- | :--- | | **Network (LAN)** | Realtek RTL8111DL (Gigabit Ethernet controller). | | **Audio Codec** | Realtek ALC662 (High Definition 6-channel audio). | | **Super I/O** | ITE IT8712F (Monitors temperatures, voltages, and manages PS/2 and COM ports). | | **Power Delivery** | Multi-phase VRM (Voltage Regulator Modules) using solid capacitors for long-term reliability. | --- ### 4. Back I/O Layout The physical electronic ports available on the rear panel usually include: * **Video:** VGA (D-Sub) and DVI-D. * **USB:** 4x USB 2.0 ports. * **Legacy:** PS/2 Keyboard/Mouse ports. * **Serial:** At least one RS-232 COM port (essential for industrial hardware control). --- ### Summary for Repair/Identification If you are looking for specific electronic components for repair: * **Capacitors:** These boards generally use 6.3V to 16V rated electrolytic or solid polymer capacitors. * **BIOS:** Usually a 8Mb SPI Flash ROM. * **Power Input:** Standard 24-pin ATX and 4-pin 12V CPU power connector.
    ✨ Follow-up Questions
    • ⤷What is the maximum CPU TDP supported by the M3A76TBD-R?
    • ⤷ Does this board support DDR2 or DDR3 memory modules?
    • ⤷ What are the common industrial applications for this motherboard?