Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A78FAA-R

  • AI
    The **M3A78FAA-R** is a specific motherboard model, primarily manufactured by **Foxconn**. It was designed as an OEM board for desktop systems (often found in Acer, Gateway, or Packard Bell machines) based on the AMD platform. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Chipset and Core Architecture The motherboard is built on the **AMD 700 series** chipset architecture, designed for reliability in home and office environments. | Component | Specification | | :--- | :--- | | **Northbridge** | AMD 780G | | **Southbridge** | AMD SB700 | | **CPU Socket** | Socket AM2+ / AM2 | | **Supported CPUs** | AMD Phenom, Athlon 64 X2, Athlon 64, Sempron | | **HyperTransport** | HT 3.0 (up to 5200 MT/s) | --- ### 2. Memory (RAM) Subsystem The board utilizes DDR2 architecture, which was standard for the AM2+ era. * **Type:** DDR2 800 / 667 MHz. * **Slots:** 4x DIMM slots. * **Max Capacity:** Typically supports up to 8GB total (2GB per slot). * **Configuration:** Dual-channel support for increased bandwidth. --- ### 3. Integrated Graphics and Expansion One of the highlights of the 780G chipset was its relatively powerful integrated graphics for the time. * **Integrated GPU:** ATI Radeon HD 3200. * **PCI Express:** 1x PCIe x16 slot for dedicated graphics cards. * **Peripheral Slots:** * 1x PCIe x1 slot. * 2x Legacy PCI slots. --- ### 4. Storage and Connectivity (I/O) The SB700 Southbridge handles the data flow for storage devices and external peripherals. | Port Type | Quantity / Version | | :--- | :--- | | **SATA** | 6x SATA II (3.0 Gb/s) | | **USB** | 4x Rear USB 2.0 (plus internal headers) | | **Ethernet** | Marvell or Realtek Gigabit LAN (10/100/1000) | | **Audio** | Realtek ALC888S (7.1 Channel High Definition) | | **Video Out** | VGA (D-Sub) and HDMI or DVI (depending on specific revision) | --- ### 5. Technical Power Components * **Voltage Regulator Module (VRM):** Usually a 3+1 or 4-phase power design to provide stable DC current to the CPU. * **Form Factor:** Micro-ATX (mATX), making it suitable for compact desktop towers. * **Power Connectors:** * 1x 24-pin ATX Main power. * 1x 4-pin ATX 12V CPU power. --- ### Summary of Strengths The M3A78FAA-R was a versatile "all-in-one" board. The **AMD 780G** Northbridge was famous for being one of the first integrated chipsets capable of playing 1080p Blu-ray video smoothly due to its **UVD (Universal Video Decoder)** hardware acceleration.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU upgrades for this motherboard?
    • ⤷ Does this board support SATA III or SSDs?
    • ⤷ How do I update the BIOS on a Foxconn OEM board?