Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A78TAG-R

  • AI
    The **M3A78TAG-R** is an industrial-grade Micro-ATX motherboard designed for reliability and longevity, typically used in embedded systems, kiosks, or automation. It is based on the **AMD RS780G + SB700** chipset. Below is an explanation of the primary electronic components and architecture of this board. --- ### 1. Core Chipset Architecture The board utilizes a two-chip architecture to manage data flow between the CPU and peripherals. | Component | Part Name | Function | | :--- | :--- | :--- | | **Northbridge** | AMD RS780G | Handles high-speed communication between the CPU, RAM, and PCIe slots. Integrated ATI Radeon HD 3200 graphics. | | **Southbridge** | AMD SB700 | Manages lower-speed I/O such as SATA ports, USB, PCI slots, and legacy BIOS communication. | --- ### 2. Power Management & VRM To ensure stability for the CPU (Socket AM2+/AM3), the motherboard uses a **Voltage Regulator Module (VRM)** circuit. * **Capacitors:** This board typically features **Solid Polymer Capacitors** around the CPU socket. Unlike standard electrolytic capacitors, these do not leak or bulge, offering higher heat resistance and a longer lifespan (crucial for 24/7 industrial use). * **MOSFETs:** Low $R_{DS(on)}$ transistors used to switch power efficiently, minimizing heat dissipation. * **PWM Controller:** An integrated circuit that regulates the phases of power delivered to the processor based on real-time demand. --- ### 3. Integrated Circuits (ICs) & Controllers Beyond the main chipset, several dedicated chips handle specific board functions: #### Connectivity & Audio * **Ethernet Controller:** Usually features a **Realtek RTL8111C** or similar PCIe Gigabit LAN controller for high-speed networking. * **Audio Codec:** Typically an **ALC888** or **ALC662** High Definition Audio chip providing 5.1 or 7.1 channel output. * **Super I/O Chip:** (Often Winbond or ITE) Manages the "Legacy" ports like PS/2, Serial (COM) ports, and monitors hardware health (fan speeds, temperatures, and voltages). #### Storage Interface * **SATA II:** Controlled by the SB700, supporting 3Gb/s transfer speeds and RAID 0, 1, 10 configurations. * **PATA/IDE:** Includes an IDE controller for older industrial hard drives or optical drives. --- ### 4. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **CPU Socket** | AMD Socket AM2+ / AM3 | | **Memory** | 4 x DDR2 DIMM Slots (Up to 1066MHz) | | **Expansion** | 1 x PCIe x16, 1 x PCIe x1, 2 x PCI Slots | | **Graphics Output** | VGA, DVI, and HDMI (Directly from Northbridge) | | **Form Factor** | Micro-ATX (24.4cm x 24.4cm) | --- ### 5. Industrial Features The "TAG-R" designation often implies specific industrial hardening: * **Watchdog Timer:** A hardware circuit that resets the system automatically if the software freezes. * **Wide Temperature Tolerance:** Components rated for higher thermal ranges than standard consumer boards. * **Long Life Cycle:** Guaranteed availability of replacement parts for several years.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU series for the AM2+/AM3 socket on this board?
    • ⤷ Does the SB700 chipset support RAID configurations?
    • ⤷ How do solid capacitors improve the lifespan of industrial motherboards?