Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A78TBD-R

  • AI
    The **M3A78TBD-R** is an industrial-grade motherboard manufactured by **BCM Advanced Research**. It is designed based on the AMD 780G and SB700 chipset architecture, specifically targeting embedded applications, kiosks, and industrial automation. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture & Processing The board utilizes the **AMD AM2+ / AM3** socket, providing compatibility with a wide range of processors while focusing on power efficiency and integrated graphics performance. | Component | Specification | | :--- | :--- | | **CPU Support** | AMD Phenom II, Athlon II, Sempron (Socket AM3/AM2+) | | **Chipset** | AMD 780G (Northbridge) + SB700 (Southbridge) | | **Memory Slots** | 2 x 240-pin DDR2 DIMM | | **Max Memory** | Up to 4GB DDR2 800/667 MHz | ### 2. Integrated Graphics & Video Output One of the defining electronic features of this board is the **ATI Radeon HD 3200** integrated graphics core, which supports hardware acceleration for high-definition video. * **VGA Output:** Standard D-Sub interface. * **DVI/HDMI:** Support via internal headers or rear I/O depending on specific revision. * **SidePort Memory:** Often equipped with dedicated onboard memory for the GPU to enhance graphics performance without taxing system RAM. ### 3. I/O Interfaces & Connectivity As an industrial board, the M3A78TBD-R features a high density of serial ports and legacy support. * **Storage:** * 6 x SATA II (3.0 Gb/s) connectors supporting RAID 0, 1, 10. * 1 x Ultra DMA 133/100/66 IDE connector. * **Serial Ports (COM):** Typically features multiple COM headers (RS-232/422/485) for industrial machine interfacing. * **Networking:** Dual Realtek RTL8111C Gigabit Ethernet controllers (PCI-E based). * **USB:** 12 x USB 2.0 ports (Rear I/O + internal headers). ### 4. Expansion Slots The PCB layout provides various expansion paths for peripheral cards: 1. **1 x PCI-Express x16:** For high-performance graphics or FPGA cards. 2. **1 x PCI-Express x1:** For modern expansion modules. 3. **2 x PCI (32-bit):** For legacy industrial interface cards. --- ### 5. Industrial Design Features Unlike consumer boards, the electronic components on the M3A78TBD-R are selected for longevity: * **Solid Capacitors:** Used in the VRM (Voltage Regulator Module) area to ensure stability under 24/7 operation. * **Watchdog Timer:** A programmable electronic timer that resets the system if the software freezes. * **Operating Temperature:** Designed to handle wider thermal variances than standard desktop hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the M3A78TBD-R?
    • ⤷ Does this motherboard support Windows 10 or is it limited to older OS?
    • ⤷ How do I configure the RS-485 jumpers on this board?