Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E12ZPX-R

  • AI
    The **M3E12ZPX-R** is a specific industrial-grade component, typically associated with **Mecair** (a brand under Emerson) specifically designed for dust collector systems. It is an electronic pilot valve assembly (or solenoid) used to actuate pulse-jet valves. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The "M3E" series is characterized by its explosion-proof or hazardous area ratings and its specific electrical interface. | Feature | Specification | | :--- | :--- | | **Component Type** | Solenoid Pilot Valve / Coil Assembly | | **Voltage** | 24V DC (Standard for -R suffix in many configurations) | | **Power Consumption** | Approximately 12W (Varies by specific coil) | | **Duty Cycle** | 100% ED (Continuous Duty) | | **Insulation Class** | Class H (High temperature resistance) | | **Protection Class** | IP65 / NEMA 4 | | **Connection Type** | DIN 43650 Plug (Type A) | --- ### 2. Key Electronic Components The assembly consists of three primary electronic/electromechanical segments: #### A. The Electromagnetic Coil The heart of the unit is a copper winding encased in a thermosetting resin. When current flows through the coil, it generates a magnetic field that pulls a stainless steel plunger (armature) upward. This action opens the pilot orifice to exhaust air pressure. #### B. Integrated Protection (The -R Suffix) The **-R** suffix often indicates the inclusion of a **Rectifier** or a specific **Resistor/Varistor** circuit: * **Surge Suppression:** Prevents back-EMF (electromotive force) spikes from damaging the PLC (Programmable Logic Controller) or the electronic timer board controlling the pulse. * **Polarity Protection:** Ensures the solenoid operates correctly even if wired in reverse (if a bridge rectifier is present). #### C. Connector Interface The unit uses a standard DIN connector which often features: * **LED Indicator:** A small light to visually confirm when power is being supplied to the coil. * **Gasket:** A rubber seal to prevent moisture ingress, critical for electronic longevity in harsh industrial environments. --- ### 3. Electronic Operation Principle 1. **Signal Input:** The electronic pulse controller sends a 24V DC signal (typically 50ms to 150ms in duration). 2. **Excitation:** The M3E12ZPX-R coil energizes, creating a magnetic flux. 3. **Mechanical Shift:** The internal plunger overcomes the spring force and lifts. 4. **Pneumatic Trigger:** Air trapped above the main pulse valve diaphragm is exhausted through the pilot, causing the main valve to open. 5. **De-energization:** Once the signal stops, the magnetic field collapses, and the spring pushes the plunger back to the closed position. --- ### 4. Application Environment Because of its construction, this electronic part is rated for: * **Hazardous Locations:** Often used where combustible dust is present (ATEX/IECEx zones). * **Temperature Extremes:** Designed to function in ambient temperatures ranging from -20°C to +60°C.
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for the M3E12ZPX-R solenoid?
    • ⤷ How do I test the resistance of the coil using a multimeter?
    • ⤷ Is this part compatible with non-Mecair pulse jet valves?