Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E13XPX-R

  • AI
    The **M3E13XPX-R** is a specialized electronic component typically categorized as a **Surface Mount Device (SMD)** high-precision crystal oscillator or a specific timing module. Below is a detailed technical breakdown of its electronic characteristics and construction. --- ### 1. Component Overview The part belongs to the **M3E series**, which are high-performance oscillators known for their low jitter and stability in demanding communication and computing environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Typically 3.2mm x 2.5mm or 5.0mm x 3.2mm (Series dependent) | | **Output Type** | LVPECL or LVDS (Differential signaling) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Electronic Architecture The internal circuitry of the M3E13XPX-R consists of several critical stages: #### A. The Quartz Crystal Blank * **Function:** Acts as the mechanical resonator. * **Property:** High $Q$ factor, providing a stable reference frequency. #### B. The Oscillator Circuit (IC) * **Voltage Regulation:** Includes internal LDOs to minimize the impact of power supply noise (PSNR). * **Gain Stage:** Maintains the oscillation of the quartz blank. * **Buffer/Driver:** Converts the internal sine wave into a clean differential square wave (e.g., LVPECL). #### C. Termination & Load * The **"XPX"** code often designates specific temperature stability and voltage parameters. * **Standard Voltage:** Usually operates at 2.5V or 3.3V. --- ### 3. Pin Configuration (Typical) Most oscillators in this series follow a standard 6-pad configuration: | Pad # | Function | Description | | :--- | :--- | :--- | | **1** | OE (Output Enable) | High = Output active; Low = High impedance | | **2** | NC | No internal connection | | **3** | GND | Circuit ground | | **4** | Output | Main frequency output signal | | **5** | Complementary Output | Inverted signal (for differential pairs) | | **6** | Vcc | Supply voltage | --- ### 4. Key Performance Metrics * **Phase Jitter:** Often < 1ps (picosecond) RMS, making it suitable for high-speed Ethernet (10G/40G/100G). * **Frequency Stability:** Usually ranges between ±25ppm to ±50ppm across the industrial temperature range (-40°C to +85°C). * **Differential Signaling:** Utilizing LVPECL or LVDS allows for high-frequency operation with excellent noise immunity. --- ### 5. Application Areas 1. **Networking:** Switches, routers, and line cards. 2. **Storage:** Fibre Channel and SATA/SAS interfaces. 3. **Telecom:** Base stations and optical transport equipment. 4. **FPGA Clocking:** Providing high-speed reference clocks for Xilinx or Altera FPGAs.
    ✨ Follow-up Questions
    • ⤷What is the exact frequency value for the M3E13XPX-R variant?
    • ⤷ How does LVPECL output differ from CMOS in this oscillator?
    • ⤷ What are the soldering reflow requirements for this SMD package?