Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E18XPD-R

  • AI
    The **M3E18XPD-R** belongs to a specialized category of electronic components, typically associated with high-frequency RF (Radio Frequency) power modules or microwave devices used in telecommunications and defense. Below is a detailed breakdown of its technical aspects and typical electronic characteristics. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Microsemi or MACOM), these components generally fall into the **RF Power Transistor** or **Amplifier Module** category. | Feature | Typical Description | | :--- | :--- | | **Component Type** | RF Power MOSFET / LDMOS | | **Frequency Range** | Usually optimized for S-Band or C-Band applications | | **Package Type** | Hermetically sealed metal-ceramic package | | **Application** | Radar, SatCom, and Avionics | | **Mounting** | Flange mount for heat dissipation | --- ### 2. Key Electronic Parameters To understand how this part functions in a circuit, we look at four primary electronic domains: #### A. Power Gain and Efficiency * **Gain:** This part is designed to take a low-level input signal and amplify it significantly (often measured in dB). * **Drain Efficiency:** High-end RF parts like this strive for 40-60% efficiency to minimize heat waste. #### B. Thermal Management * **Heat Sink Interface:** Due to the "XP" (Extended Power) designation often found in these series, the bottom flange is a critical electrical and thermal ground. * **Operating Temperature:** Typically rated for industrial or military ranges (-55°C to +150°C). #### C. Impedance Matching * **Input/Output Matching:** These parts are rarely "plug-and-play" 50-ohm devices. They usually require external microstrip matching networks to ensure maximum power transfer and minimum VSWR (Voltage Standing Wave Ratio). --- ### 3. Pinout and Internal Structure Most devices in this series follow a standard RF power layout: 1. **Gate (Input):** Receives the RF signal and DC bias. 2. **Drain (Output):** Delivers the amplified signal; requires high voltage (VDD). 3. **Source (Ground):** The metal flange itself, which must be bolted to a common ground for both electrical return and cooling. --- ### 4. Application Context The "R" suffix often denotes **RoHS compliance** (Lead-free) or specific **Ruggedization** for pulsed power applications. * **Pulsed Power:** Used in radar systems where the device is turned on for very short intervals at very high power. * **Broadband:** Capable of maintaining linear performance across a wide slice of the frequency spectrum. ---
    ✨ Follow-up Questions
    • ⤷What is the specific operating frequency range for the M3E18XPD-R?
    • ⤷ Does this component require a specific gate bias voltage for linear operation?
    • ⤷ Are there recommended heat sink torque specifications for this package type?