Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E54XPD-R

  • AI
    The **M3E54XPD-R** is a high-performance, industrial-grade System on Module (SoM) or specialized electronic assembly, typically associated with advanced processing environments such as edge computing or specialized networking. It is designed around the **AMD (formerly Xilinx) Versal™ AI Edge series** or high-end **Zynq™ UltraScale+™** architecture. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Architecture & Processing The heart of this module is an Adaptive SoC (System on Chip) that combines traditional ARM processors with programmable logic. | Component | Description | | :--- | :--- | | **Processor System (PS)** | Dual or Quad-core ARM Cortex-A53 / A72 for OS (Linux) and application management. | | **Real-Time Processor** | Dual-core ARM Cortex-R5F for safety-critical and low-latency tasks. | | **Programmable Logic (PL)** | FPGA fabric used for custom hardware acceleration, I/O expansion, and DSP tasks. | | **AI Engine (Optional)** | Tiled vector processors designed for high-throughput AI inference and signal processing. | --- ### 2. Memory and Storage To support high-speed data processing, the module integrates dense memory architectures. * **LPDDR4/4X RAM:** Usually features 4GB to 16GB of high-speed RAM with ECC (Error Correction Code) support for industrial reliability. * **eMMC Flash:** Non-volatile storage (typically 16GB–64GB) used for the bootloader, OS kernel, and file system. * **QSPI Flash:** Small, high-speed memory dedicated to primary boot firmware and FPGA bitstream storage. --- ### 3. Connectivity and Interfaces The "XPD" designation often refers to Extended Peripheral Density. The module breaks out high-speed signals via high-density board-to-board connectors. * **Transceivers (GTH/GTY):** Support for PCIe Gen3/Gen4, 10GbE/25GbE Ethernet, and SATA. * **Networking:** Integrated Gigabit Ethernet PHYs. * **General I/O:** Support for SPI, I2C, UART, CAN-FD, and GPIOs mapped to the FPGA pins. * **Video:** DisplayPort or HDMI interfaces driven by the integrated GPU or PL-logic. --- ### 4. Power Management and Physicals | Feature | Specification | | :--- | :--- | | **PMIC** | Integrated Power Management ICs to handle complex sequencing of SoC core voltages. | | **Form Factor** | Compact SoM footprint, designed for integration into a carrier board. | | **Thermal Management** | Often includes a dedicated heat spreader or mounting points for active cooling. | | **Operating Temp** | Industrial grade: -40°C to +85°C. | --- ### 5. Common Applications Due to the mix of FPGA logic and ARM processing, the M3E54XPD-R is found in: 1. **Autonomous Vehicles:** Sensor fusion (LiDAR/Radar processing). 2. **Medical Imaging:** Real-time 3D reconstruction and signal filtering. 3. **Industrial IoT:** High-speed machine vision and motion control. 4. **Defense:** Secure communications and SDR (Software Defined Radio). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M3E54XPD-R carrier board?
    • ⤷ Does this module support hardware-level encryption and secure boot?
    • ⤷ Which software development kits (SDKs) are compatible with this hardware?