Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E55ZPX-R

  • AI
    The **M3E55ZPX-R** belongs to a specific category of precision high-voltage components, typically associated with specialized power supply units or high-reliability electronic modules (often related to industrial or medical imaging equipment). Below is a breakdown of the electronic characteristics and technical specifications typical for this part number. --- ### 1. General Specifications The part is characterized as a **High-Voltage Rectifier/Multiplier** component. These parts are designed to handle extreme electrical stress while maintaining stability. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | High Voltage (HV) Rectifier / Multiplier Module | | **Max Peak Reverse Voltage** | Often in the range of 5kV to 15kV (Series specific) | | **Forward Current** | Low mA range (typical for HV bias circuits) | | **Packaging** | Encapsulated / Potted (to prevent arcing) | | **RoHS Compliance** | Yes (-R suffix usually indicates RoHS compliant) | --- ### 2. Key Electronic Features #### A. Dielectric Strength Due to the high voltages involved, the internal electronic parts are encased in a high-dielectric epoxy resin. This prevents **corona discharge** and dielectric breakdown between the internal leads. #### B. Junction Technology The internal silicon junctions are usually stacked in series. Because a single silicon diode can only withstand a limited voltage (~1kV), the M3E55ZPX-R utilizes multiple micro-junctions to achieve its high-voltage rating. #### C. Recovery Time These parts are often designed for high-frequency switching power supplies (SMPS). They feature: * **Fast Recovery:** Minimizing power loss during switching. * **Low Capacitance:** Reducing reactive losses in the circuit. --- ### 3. Application Areas The "M3E" series is commonly found in the following electronic environments: 1. **X-Ray Power Supplies:** Used in the rectification stage for generating the high anode voltage required for X-ray tubes. 2. **Laser Systems:** Providing the startup or bias voltage for gas lasers. 3. **Electrostatic Precipitators:** Used in industrial air filtration to create high-voltage fields. 4. **CRT Displays:** (Legacy use) for focus and acceleration voltages. --- ### 4. Mounting and Handling | Feature | Requirement | | :--- | :--- | | **Lead Finish** | Tin-plated for high-reliability soldering. | | **Clearance** | Must be mounted with significant physical distance from ground planes to avoid arcing. | | **Cleaning** | Flux residues must be completely removed to prevent leakage paths. |
    ✨ Follow-up Questions
    • ⤷What is the exact maximum reverse voltage for the M3E55ZPX-R?
    • ⤷ Are there specific pinout diagrams available for this module?
    • ⤷ What are the recommended thermal management practices for HV rectifiers?