Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E56XPD-R

  • AI
    The **M3E56XPD-R** belongs to a specific category of high-performance electronic components, typically associated with optical communication modules (specifically SFP/SFP+ or similar transceivers) or specialized logic controllers. Based on standard industry nomenclature, it is frequently identified as an **SFP+ (Small Form-factor Pluggable) Transceiver Module** designed for high-speed data transmission. --- ### 1. Key Technical Specifications Below is a breakdown of the typical internal electronic characteristics for this class of component: | Feature | Description | | :--- | :--- | | **Data Rate** | Up to 10 Gbps (Gigabits per second) | | **Form Factor** | SFP+ (Plug-and-Play) | | **Wavelength** | Usually 850nm (Multimode) or 1310nm (Singlemode) | | **Interface** | LC Duplex connector | | **Voltage Supply** | 3.3V (Typical) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Internal Electronic Architecture The M3E56XPD-R is composed of several critical sub-systems: #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (often a VCSEL or DFB laser) that converts electrical signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that detects incoming light and converts it back into an electrical current. #### B. The Integrated Circuits (ICs) * **Laser Driver:** Modulates the laser diode at high speeds to represent binary data. * **Limiting Amplifier / TIA (Transimpedance Amplifier):** Amplifies the weak electrical signal from the photodiode to a logic-level signal suitable for the host device. * **EEPROM:** A non-volatile memory chip that stores the module's identification data, serial number, and vendor info. #### C. DDM (Digital Diagnostic Monitoring) The "PD" or "R" designations in these part numbers often imply support for **Real-Time Diagnostics**. This allows the host system to monitor: 1. **Laser Bias Current** 2. **Transmitted Optical Power** 3. **Received Optical Power** 4. **Internal Temperature** 5. **Supply Voltage** --- ### 3. Connection and Pinout The module connects to a host PCB via a 20-pin gold-finger connector. Key pins include: ```markdown - Pins 12/13: RD- / RD+ (Differential Receiver Data Output) - Pins 18/19: TD+ / TD- (Differential Transmitter Data Input) - Pin 15: VccR (+3.3V Receiver Power) - Pin 16: VccT (+3.3V Transmitter Power) - Pins 4/5: SDA / SCL (I2C Serial Interface for DDM/EEPROM) ``` --- ### 4. Common Applications * **Enterprise Networking:** 10G Ethernet switches and routers. * **Storage Area Networks (SAN):** 8G/10G Fibre Channel connections. * **Data Centers:** High-speed server-to-switch interconnects.
    ✨ Follow-up Questions
    • ⤷ Does the M3E56XPD-R support Single-mode or Multi-mode fiber?
    • ⤷ What is the maximum transmission distance for this specific module?
    • ⤷ Is this part compatible with Cisco or Juniper hardware standards?