Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E56ZPD-R

  • AI
    The **M3E56ZPD-R** is a specific part number typically associated with high-performance **Synchronous Buck Converter** modules or **Voltage Regulator Modules (VRM)**, often used in telecommunications, server infrastructure, and industrial computing. Below is a detailed breakdown of its electronic characteristics and functional components. --- ### 1. General Specifications While specific data can vary by manufacturer (often associated with brands like Delta or Belden for modular power), these parts generally follow these specifications: | Feature | Typical Specification | | :--- | :--- | | **Component Type** | DC-DC Non-Isolated Converter | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage** | Adjustable (0.6V to 5.0V) | | **Output Current** | 10A to 30A (depending on cooling) | | **Efficiency** | Up to 94-96% | | **Package Style** | SMT (Surface Mount Technology) / SIP | --- ### 2. Core Electronic Components The internal architecture of the M3E56ZPD-R consists of several integrated sub-systems: #### A. Power MOSFETs * **High-side and Low-side Switches:** Utilizes Low Rds(on) MOSFETs to minimize conduction losses. * **Synchronous Rectification:** Instead of a diode, a second MOSFET is used to improve efficiency during the "off" cycle. #### B. PWM Controller * The "brain" of the part. It regulates the output voltage by adjusting the pulse width of the switching signal. * Includes **Feedback Loops** to maintain voltage stability under varying load conditions. #### C. Inductors and Capacitors * **Output Inductor:** Filters the high-frequency switching to provide a smooth DC current. * **Input/Output Capacitance:** Ceramic and polymer capacitors are integrated to reduce ripple and handle transient response spikes. --- ### 3. Key Functional Features The "ZPD-R" suffix often indicates specific protection and communication features: 1. **PMBus Interface:** Many parts in this series support digital communication (I2C/PMBus) for real-time monitoring of voltage, current, and temperature. 2. **Protection Circuitry:** * **OCP (Over Current Protection):** Shuts down or limits current during a short circuit. * **OTP (Over Temperature Protection):** Thermal shutdown if the module exceeds safe operating temperatures (usually >125°C). * **UVLO (Under Voltage Lock Out):** Prevents the module from starting if the input voltage is too low. 3. **Remote Sense:** Compensates for voltage drops across the PCB traces by sensing the voltage directly at the load. --- ### 4. Application Areas * **ASIC/FPGA Powering:** Providing high-current, low-voltage rails for processors. * **Data Centers:** Distributed Power Architecture (DPA). * **Networking:** High-end routers and switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3E56ZPD-R?
    • ⤷ Does this module support PMBus digital communication protocols?
    • ⤷ What are the recommended footprint and soldering guidelines for this SMT component?