Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E58XPX-R

  • AI
    The **M3E58XPX-R** is a specific part number typically associated with high-performance **brushless DC (BLDC) motors** manufactured by **Moog (formerly Buehler Motor)**. These motors are engineered for precision, durability, and integration into complex industrial or automotive systems. Below is a breakdown of the electronic and physical characteristics of this component. --- ### 1. Technical Specifications The "M3E" series generally refers to high-efficiency motors designed for 12V to 24V DC systems. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage Range** | 12V - 24V DC | | **Commutation** | Electronic (requires an external or integrated controller) | | **Housing Material** | Zinc-plated steel or Aluminum | | **Bearing Type** | Dual Ball Bearings (for high radial loads) | | **Protection Class** | IP40 - IP54 (depending on sealing) | --- ### 2. Key Electronic Components #### A. Internal Hall Effect Sensors Unlike brushed motors, the M3E58XPX-R utilizes electronic commutation. This is achieved via **Hall Effect Sensors** embedded in the motor housing. * **Function:** They detect the position of the rotor's permanent magnets. * **Output:** They send feedback to the Motor Driver to ensure the stator coils are energized in the correct sequence. #### B. The Stator and Winding The stator consists of high-quality copper windings. * **Phase Configuration:** Usually 3-phase (U, V, W). * **Efficiency:** Because there are no brushes to create friction or arcing, the electronic energy conversion efficiency is significantly higher (often >85%). #### C. Integrated Connection (R-Suffix) The "-R" suffix in Moog/Buehler nomenclature often refers to a specific **Connector or Rear-exit wiring** configuration. * **EMI/EMC Suppression:** These motors often include internal capacitors or ferrite beads to prevent electromagnetic interference with other sensitive electronics nearby. --- ### 3. Usage and Control Requirements To operate this part, you cannot simply connect it to a battery. It requires a **BLDC Controller (ESC)**. ```cpp // Logic for controlling a BLDC via a Microcontroller (Conceptual) void loop() { int sensorValue = readHallSensors(); // Read feedback from M3E58XPX-R updateStatorPhase(sensorValue); // Switch coils based on rotor position adjustSpeed(PWM_Signal); // Pulse Width Modulation for RPM control } ``` --- ### 4. Common Applications * **Automotive Actuators:** Turbocharger wastegate control or electronic water pumps. * **Medical Equipment:** Precision pumps or scanning devices. * **Industrial Automation:** Conveyor drives and robotic positioning.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M3E58XPX-R connector?
    • ⤷ Does this motor require a sensored or sensorless BLDC controller?
    • ⤷ What is the maximum torque rating for this specific model?