Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E58ZPX-R

  • AI
    The **M3E58ZPX-R** is a specific model of a high-performance **brushless DC (BLDC) motor**, typically integrated with high-efficiency fan assemblies (such as those manufactured by EBM-Papst). These parts are engineered for heavy-duty industrial cooling, ventilation, and refrigeration systems. --- ## 1. Core Component Breakdown The device is composed of three primary electronic and electromechanical sections: | Component | Description | Function | | :--- | :--- | :--- | | **EC Motor (Electronic Commutation)** | A brushless DC motor powered by AC mains. | Provides the mechanical torque to drive the fan blades. | | **Integrated Controller** | On-board PCB with power electronics. | Manages phase switching, speed control, and thermal protection. | | **Commutation Electronics** | Hall effect sensors or sensorless logic. | Determines the rotor position to energize the correct stator coils. | --- ## 2. Technical Specifications & Features The "M3E" series generally refers to the motor architecture used within EC (Electronically Commutated) fans. Below are the typical electronic characteristics: ### A. Power Electronics * **Input Voltage:** Designed for global AC standards (usually 200-240V or 380-480V depending on the specific suffix). * **Rectification:** Internal circuitry converts AC input to a DC bus to power the motor phases. * **Inverter Stage:** Uses Power MOSFETs or IGBTs to create a 3-phase variable frequency drive (VFD) effect internally. ### B. Control Interface * **Control Input:** Usually supports **0-10V DC** or **PWM (Pulse Width Modulation)** signals for stepless speed adjustment. * **Output Feedback:** Includes a "Tach" output (Hall signal) to allow external controllers to monitor the actual RPM. * **Soft Start:** Integrated electronics prevent high inrush currents during startup, protecting the power grid. ### C. Protection Circuitry * **Locked-Rotor Protection:** Automatically cuts power if the fan is physically obstructed to prevent coil burnout. * **Over-temperature Sensing:** Internal thermistors monitor the electronics and windings, reducing performance or shutting down if limits are exceeded. --- ## 3. Advantages of the M3E Series Architecture 1. **High Efficiency:** Because it uses permanent magnets and electronic commutation, it eliminates the "slip" losses found in traditional AC induction motors. 2. **Universal Compatibility:** The electronics allow the motor to run at the same speed regardless of whether the input frequency is 50Hz or 60Hz. 3. **Low Noise:** The commutation logic is optimized to reduce electromagnetic "hum" and vibration at low speeds. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 0-10V control input on this motor?
    • ⤷ How does an EC motor differ from a standard AC motor in energy consumption?
    • ⤷ What are the common failure modes for the integrated controller in M3E motors?