Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E61XPD-R

  • AI
    The **M3E61XPD-R** belongs to a specific category of industrial-grade networking components, typically identified as a **SFP (Small Form-factor Pluggable)** transceiver module, often associated with brands like Hirschmann or specialized industrial network providers. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Core Technical Specifications The M3E61XPD-R is designed for high-speed data transmission over fiber optic cabling, specifically optimized for long-range industrial Ethernet applications. | Feature | Specification | | :--- | :--- | | **Interface Type** | SFP (Plug-in module) | | **Data Rate** | 1000 Mbit/s (Gigabit Ethernet) | | **Fiber Type** | Single Mode (SM) | | **Wavelength** | 1310 nm | | **Connector Type** | LC Duplex | | **Maximum Distance** | Up to 20 km (approx. 12.4 miles) | | **Operating Voltage** | 3.3 V DC | --- ### 2. Electronic Component Breakdown The internal architecture of this module consists of several critical electronic sub-systems: #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (typically a Fabry-Perot or DFB laser) that converts electrical signals into light pulses at 1310nm. * **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that detects incoming light pulses and converts them back into electrical currents. #### B. Integrated Circuits (IC) * **Laser Driver:** Controls the current sent to the TOSA to ensure stable light output. * **Limiting Amplifier:** Processes the weak electrical signal from the ROSA, amplifying it to a standard logic level for the host device. * **EEPROM:** A small memory chip storing the module's serial number, vendor ID, and supported protocols, allowing "Plug-and-Play" identification. #### C. Power Management * The module includes internal voltage regulators and filtering capacitors to handle electromagnetic interference (EMI) and ensure the laser operates without fluctuations. --- ### 3. Key Electronic Features 1. **Digital Diagnostic Monitoring (DDM):** Most modules in this series (indicated by the 'D' in the suffix) support real-time monitoring of parameters such as: * Temperature * Supply Voltage * Laser Bias Current * Transmitted Optical Power * Received Optical Power 2. **Hot-Swappable:** The electronic interface is designed to be plugged in or removed while the host switch is powered on without causing an electrical short. 3. **Low Power Consumption:** Typically consumes less than 1 Watt, minimizing heat generation in dense switch environments. --- ### 4. Implementation Example In a standard industrial setup, the M3E61XPD-R is used as follows: ```mermaid graph LR A[Switch A] -- Electrical Signal --> B(M3E61XPD-R) B -- 1310nm Light --> C{Single Mode Fiber} C -- 1310nm Light --> D(M3E61XPD-R) D -- Electrical Signal --> E[Switch B] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific environmental temperature ratings for the M3E61XPD-R?
    • ⤷ How does DDM/DOM help in troubleshooting network failures?
    • ⤷ Is this module compatible with Multi-Mode fiber if an adapter is used?