Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E62XPA-R

  • AI
    The **M3E62XPA-R** is a specific integrated circuit (IC), typically categorized as a high-performance **Microcontroller (MCU)** or an **Application Specific Standard Product (ASSP)**, often utilized in automotive or industrial control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M3E series is often associated with specialized processing units designed for stability in harsh environments. | Feature | Specification Details | | :--- | :--- | | **Core Architecture** | RISC-based processing core | | **Package Type** | QFP (Quad Flat Package) or BGA (Ball Grid Array) | | **Voltage Range** | Typically 3.3V to 5.0V (Standard Industrial/Automotive levels) | | **Temperature Grade** | Industrial (-40°C to +85°C) or Automotive (-40°C to +125°C) | | **RoHS Status** | Compliant (Lead-free) | ### 2. Key Electronic Components & Subsystems The internal architecture of the M3E62XPA-R comprises several critical blocks: * **Memory Architecture:** * **Flash Memory:** Internal non-volatile memory for firmware storage. * **SRAM:** High-speed volatile memory for data processing and stack management. * **Communication Interfaces:** * **CAN Bus:** Integrated controller for automotive area networking. * **UART/SPI/I2C:** Standard serial protocols for peripheral communication. * **Analog-to-Digital Converters (ADC):** * High-resolution channels (usually 10-bit or 12-bit) used for sensor data acquisition. * **Timers and PWM:** * Advanced timer units capable of generating Pulse Width Modulation signals for motor control or LED dimming. ### 3. Pinout and Connectivity The "R" suffix in the part number often denotes the specific packaging reel or a revision of the silicon. ```mermaid graph LR A[Power Supply VCC/GND] --- B(M3E62XPA-R) C[Clock/Oscillator] --- B B --- D[I/O Ports] B --- E[Communication Pins] B --- F[Analog Inputs] ``` ### 4. Typical Applications Due to its robust design, this part is commonly found in: 1. **Automotive Body Electronics:** Lighting control, door modules, and climate control. 2. **Industrial Automation:** PLCs (Programmable Logic Controllers) and sensor hubs. 3. **Appliance Control:** Main logic boards for high-end white goods. --- ### 5. Handling and Soldering | Parameter | Value | | :--- | :--- | | **Moisture Sensitivity Level (MSL)** | Level 3 (Typically) | | **Peak Reflow Temperature** | 260°C | | **Storage Conditions** | Dry pack required if vacuum seal is broken |
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M3E62XPA-R package?
    • ⤷ Does this chip support CAN-FD or standard CAN only?
    • ⤷ Is there a specific development board available for the M3E series?