Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E68XPD-R

  • AI
    The **M3E68XPD-R** is a high-performance, industry-standard component typically associated with **10G Ethernet Connectivity**, specifically in the form of an **XFP (10-Gigabit Small Form Factor Pluggable)** transceiver module. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-speed fiber optic communication, converting electrical signals into optical signals (and vice versa). | Feature | Specification | | :--- | :--- | | **Form Factor** | XFP (10-Gigabit Small Form Factor Pluggable) | | **Data Rate** | 8.5 Gbps to 11.3 Gbps | | **Wavelength** | 1310 nm (Typically) | | **Media Type** | Single-Mode Fiber (SMF) | | **Max Distance** | 10 km | | **Connector** | Duplex LC | --- ### 2. Core Electronic Components The internal architecture of the M3E68XPD-R consists of several critical electronic sub-systems: * **TOSA (Transmitter Optical Sub-Assembly):** Contains a semiconductor laser (often a DFB laser) and a driver circuit that converts electrical data bits into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode and a **TIA (Transimpedance Amplifier)** to convert incoming light back into a small electrical current. * **Limiting Amplifier:** Boosts the electrical signal from the TIA to a standard logic level compatible with the host system. * **EEPROM:** A non-volatile memory chip that stores identification data, serial numbers, and vendor information (used by the host for "Plug and Play" recognition). --- ### 3. Digital Diagnostics Monitoring (DDM) The "D" in many XFP part numbers often signifies the inclusion of **DDM/DOM** (Digital Optical Monitoring) capabilities. This allows the host system to monitor the following electronic parameters in real-time: 1. **Supply Voltage:** Monitoring the internal power rails (typically 3.3V and 5V). 2. **Laser Bias Current:** Indicates the health of the transmitting laser. 3. **Transmitter Power:** The strength of the outgoing optical signal. 4. **Receiver Power:** The strength of the incoming optical signal (crucial for troubleshooting link failures). 5. **Temperature:** Internal operating temperature of the module. --- ### 4. Electrical Interface (XFI) The M3E68XPD-R utilizes the **XFI electrical interface**, which is a 10Gbps serial interface. Unlike SFP+ modules, XFP modules like this one perform the "Clock and Data Recovery" (CDR) internally, which reduces the processing burden on the host motherboard's MAC/PHY. --- ### 5. Compliance and Standards * **IEEE 802.3ae:** 10GBASE-LR standard. * **INF-8077i:** The XFP Multi-Source Agreement (MSA) which defines the physical and electronic dimensions. * **RoHS:** Lead-free and environmentally compliant (indicated by the "-R" suffix in many manufacturer naming conventions). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an XFP and an SFP+ module in terms of electronic design?
    • ⤷ Can this module be used in a 1G SFP slot?
    • ⤷ How do I interpret DDM alarms for high bias current?