Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3E68ZPD-R

  • AI
    The **M3E68ZPD-R** is a specific part number typically associated with **Toshiba’s high-performance NAND Flash memory products**, specifically within their **e.MMC (Embedded MultiMediaCard)** lineup. These components are designed for industrial, automotive, or high-end consumer electronics that require robust non-volatile storage. --- ### 1. Technical Specifications Overview The part follows the JEDEC e.MMC standard, which integrates the NAND flash memory and a sophisticated controller into a single package. | Feature | Specification Details | | :--- | :--- | | **Category** | Embedded Flash Memory (e.MMC) | | **Interface** | e.MMC 5.0 / 5.1 Standard | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Voltage (VCC)** | 2.7V to 3.6V (Core) | | **Voltage (VCCQ)** | 1.7V to 1.95V / 2.7V to 3.6V (I/O) | | **Bus Width** | 1-bit, 4-bit, or 8-bit | | **Operating Temp** | Typically -25°C to +85°C (Standard) or -40°C to +85°C (Industrial) | --- ### 2. Core Electronic Components The device is not a single transistor or IC, but a "System-in-Package" (SiP) consisting of two main functional blocks: #### A. NAND Flash Memory Die * **Storage Medium:** Utilizes high-density MLC (Multi-Level Cell) or TLC (Triple-Level Cell) structures. * **Non-Volatility:** Retains data without power, suitable for OS storage and application data. #### B. Integrated Controller The internal controller is the "brain" of the chip. It handles complex tasks that would otherwise burden the host CPU: * **Error Correction Code (ECC):** Detects and fixes bit flips caused by electrical noise or wear. * **Wear Leveling:** Ensures write/erase cycles are distributed evenly across the memory cells to prevent premature failure. * **Bad Block Management:** Automatically maps out defective sectors of the memory. * **Garbage Collection:** Optimizes free space by moving valid data to new blocks and erasing old ones. --- ### 3. Pinout and Connectivity As an **FBGA** package, the electrical connections are made via solder balls on the underside of the chip. Key signal groups include: ```text CLK -> Clock signal for synchronization CMD -> Command line for issuing read/write instructions DAT -> Data lines (0-7) for parallel data transfer RST -> Hardware reset pin VCC -> Power supply for the NAND flash VCCQ -> Power supply for the Controller/Interface ``` --- ### 4. Common Applications Due to its reliability and compact form factor, the M3E68ZPD-R is commonly found in: * **Automotive Infotainment:** Storing maps, OS, and dashboard firmware. * **Smart Home Hubs:** Storing local data and application logic. * **Industrial PCs:** Serving as a boot drive in environments with high vibration. * **Medical Devices:** Reliable logging of patient data and system logs.
    ✨ Follow-up Questions
    • ⤷ What is the storage capacity of the M3E68ZPD-R specifically?
    • ⤷ How does e.MMC 5.1 performance compare to UFS storage?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q100 qualification?