Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH11ZPX-R

  • AI
    The **M3EH11ZPX-R** is a specific part number typically associated with **TDK-Lambda** or similar power supply manufacturers. This model belongs to a series of configurable modular power supplies (often the **Vega** or **NV** series). ### 1. Component Overview Modular power supplies are designed to be "plug-and-play" at the factory level. The part number acts as a code representing a specific configuration of internal modules. | Feature | Specification | | :--- | :--- | | **Manufacturer** | TDK-Lambda (typically) | | **Product Category** | AC-DC Modular Power Supply | | **Type** | Configurable Multi-Output | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number While specific coding varies by manufacturer, the nomenclature for this series generally follows this structure: * **M3 / M1-M4:** Often refers to the **Chassis Type** or the base power rating (e.g., 450W, 600W, or 900W). * **EH / E / H:** These usually represent the **Output Modules** installed in the slots. Each letter/number combination dictates the voltage and current of a specific rail. * **11:** May signify secondary output characteristics or a specific Revision/Firmware version. * **ZPX:** Often refers to **Options** such as: * **Z:** Custom logic or signal options. * **P:** Global Inhibit or Power Good signals. * **X:** Specific cooling fan orientation or high-reliability coating. * **-R:** Standard industry suffix for **RoHS Compliance** (Restriction of Hazardous Substances). --- ### 3. Key Electronic Characteristics Modular power supplies like the M3EH11ZPX-R are valued for their high-density power conversion. Key internal parts include: #### A. Input Stage * **PFC (Power Factor Correction):** Most modules include active PFC to ensure high efficiency and compliance with harmonics standards (EN61000-3-2). * **Universal Input:** Typically handles 85V to 264V AC. #### B. Output Modules (The "EH" and "11" parts) * **DC-DC Converters:** Each module inside the chassis is an independent DC-DC converter that takes a high-voltage DC bus and steps it down to stabilized voltages (e.g., 5V, 12V, 24V). * **Isolation:** Each output is usually galvanically isolated from the others. #### C. Control & Protection * **Overvoltage Protection (OVP):** Shuts down the module if the output exceeds a safe threshold. * **Thermal Protection:** Internal thermistors monitor heat-sink temperature. * **Filtering:** Integrated EMI filters to reduce conducted and radiated noise. --- ### 4. Typical Applications Due to its modular nature, this specific part is commonly found in: * **Medical Equipment:** High-end imaging or diagnostic tools. * **Industrial Automation:** Powering PLCs, sensors, and actuators simultaneously. * **Telecommunications:** Network hubs requiring multiple stable DC voltages.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the EH module?
    • ⤷ How do I test the 'Power Good' signal on this unit?
    • ⤷ Is there a direct replacement model for the M3 series?